Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM8803
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 24Page - STMicroelectronics PM8803 Datasheet HTML 25Page - STMicroelectronics PM8803 Datasheet HTML 26Page - STMicroelectronics PM8803 Datasheet HTML 27Page - STMicroelectronics PM8803 Datasheet HTML 28Page - STMicroelectronics PM8803 Datasheet HTML 29Page - STMicroelectronics PM8803 Datasheet HTML 30Page - STMicroelectronics PM8803 Datasheet HTML 31Page - STMicroelectronics PM8803 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
PWM controller
PM8803
28/34
Doc ID 018559 Rev 2
When a severe overcurrent occurs, like a short-circuit of an internal power component, and
0.7 V level is reached on CS, the gate driver is instantaneously shut down and a new soft-
start is performed after 4096 switching periods.
In case of persistent severe overcurrent, the control logic tries 4 cycles of fast hiccup before
completely shutting down the PWM controller.
To restart the device, after removing the cause of the overcurrent, VDD must be reduced
below the UVLO level.
Figure 14.
Overload (left) and short-circuit (right) behavior
Ch1: CTL signal, Ch2: 5Vout, Ch3: I input
5.6
Thermal protection
The PM8803 thermal protection limit is set to 160 °C on the junction temperature and is
always active. When this threshold is exceeded, the hot-swap MOSFET is opened and the
PWM controller is switched off.
When the junction temperature goes below about 130 °C, the converter will start
automatically, without recycling the input voltage.
AM045104v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com