Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM8803
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 14Page - STMicroelectronics PM8803 Datasheet HTML 15Page - STMicroelectronics PM8803 Datasheet HTML 16Page - STMicroelectronics PM8803 Datasheet HTML 17Page - STMicroelectronics PM8803 Datasheet HTML 18Page - STMicroelectronics PM8803 Datasheet HTML 19Page - STMicroelectronics PM8803 Datasheet HTML 20Page - STMicroelectronics PM8803 Datasheet HTML 21Page - STMicroelectronics PM8803 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
PD interface
PM8803
18/34
Doc ID 018559 Rev 2
4
PD interface
4.1
Detection
In Power over Ethernet systems, the Power Sourcing Equipment (PSE) senses the Ethernet
connection to detect whether the Powered Device (PD) is plugged into the cable termination
by applying a small voltage (2.7 V to 10 V) on the Ethernet cable and measuring the
equivalent resistance in at least two consecutive steps. During this phase, the PD must
present a resistance between 23.75 k
Ω and 26.25 kΩ.
The signature resistor must be connected between the DET and VDD pins. This resistor is
in-series to a pass transistor (see
Figure 3) enabled only during the detection phase. No
current is flowing through the signature resistor for the rest of the operative phases
(classification and turn-on).
The value of the detection resistance has to be selected also taking into account the typical
drop in voltage of the diode bridges. The typical value that can be used in most case is
24.9 k
Ω.
During detection, most of the circuits inside the PM8803 are disabled to minimize the offset
current.
4.2
Classification
The classification phase in a PoE network is the feature that allows PSE to plan and allocate
the available power to the appliances connected to various Ethernet ports.
The PM8803 complies with both IEEE802.3at 1-event and 2-event classification schemes.
1-event classification in IEEE802.3at is the same as specified in the IEEE 802.3af standard,
which divides the power levels below 12.95 W into 5 classes (Class 0 to Class 4).
While Class 4 was reserved in IEEE802.3af, in IEEE802.3at Class 4 identifies Type2 PDs
requiring up to 25.5 W.
A Type2 PD is a PD that provides a Class 4 signature during Physical Layer Classification,
understands 2-event classification and is capable of Data Link Layer classification.
Figure 8 represent the voltage at the input of the PD when connected to a PSE performing
2-event classification. A Type2 PD will present in both classification events a Class 4 current
while during the so called “mark-event”, between the 2 classification fingers, the PD will
present an invalid signature resistance.
To support the classification function, an equivalent programmable constant current
generator has been implemented.
Figure 6 depicts a primary schematic of the classification
circuit. Following the successful completion of the detection phase, the voltage of the CLS
pin is set to the 1.4 V voltage reference and a pass transistor connects the VIN pin to the
CLS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com