Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM8803
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 18Page - STMicroelectronics PM8803 Datasheet HTML 19Page - STMicroelectronics PM8803 Datasheet HTML 20Page - STMicroelectronics PM8803 Datasheet HTML 21Page - STMicroelectronics PM8803 Datasheet HTML 22Page - STMicroelectronics PM8803 Datasheet HTML 23Page - STMicroelectronics PM8803 Datasheet HTML 24Page - STMicroelectronics PM8803 Datasheet HTML 25Page - STMicroelectronics PM8803 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
PD interface
PM8803
22/34
Doc ID 018559 Rev 2
This feature is active only when working from an input voltage with a "frontal" connection,
that must use the hot-swap MOSFET; this voltage could be from the PoE interface or from
an external auxiliary adapter connected before the internal hot-swap MOSFET.
If the auxiliary source is connected after the hot-swap MOSFET, it will be opened and this
feature is disabled, allowing the converter to work with a low-voltage auxiliary source. The
PGOOD comparator includes hysteresis to allow the PM8803 to operate near the current
limit point without inadvertently disabling it. The MOSFET voltage must increase to 12 V
before PGOOD is deasserted.
This feature will also allow withstanding positive line transients of up to 12 V without
stopping DC/DC normal operations as shown in
Figure 9. The line transient is managed by
the PWM section, adjusting its operating parameters accordingly without shutting down the
output voltage. The input current during the transient is controlled by the hot-swap MOSFET
at the DC current limit.
After PGOOD assertion, a comparator on the gate of the hot-swap MOSFET controls the
transition between the 140 mA to the programmed DC current limit, with a 2 V threshold.
The comparator is needed to ensure that the charge of the DC/DC input capacitor is
completed, avoiding current spikes on the last portion of the charge.
The PM8803 provides a default continuous current limitation of 640 mA. This is achieved by
leaving the pin DCCL floating. A different DC current limit can be set by connecting a
resistor RDC between DCCL and VSS whose value can be obtained by the following
equation:
Figure 10.
DC current vs. RDC
R
DC kΩ
[]
22400
I
DC mA
[]
-----------------------
=
20
120
220
320
420
520
620
720
820
920
1020
1120
RDC [kOhm]
IDC [mA]
20
40
60
80100
120
140
160
AM045100v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com