Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM8803
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 20Page - STMicroelectronics PM8803 Datasheet HTML 21Page - STMicroelectronics PM8803 Datasheet HTML 22Page - STMicroelectronics PM8803 Datasheet HTML 23Page - STMicroelectronics PM8803 Datasheet HTML 24Page - STMicroelectronics PM8803 Datasheet HTML 25Page - STMicroelectronics PM8803 Datasheet HTML 26Page - STMicroelectronics PM8803 Datasheet HTML 27Page - STMicroelectronics PM8803 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
PD interface
PM8803
24/34
Doc ID 018559 Rev 2
4.7
5 V bias regulator
The PM8803 features an accurate 5 V output regulator, which can be used to bias the
DC/DC feedback network and the optocoupler connected to the microcontroller.
A capacitor in the range of 100 nF - 2.2 µF must be connected to ARTN for stability.
The regulator current is supplied from the VC pin, to take advantage of the more efficient
bias from the auxiliary winding. This means that the current drawn from the VB pin must be
taken into account to evaluate the maximum current drawn from the VC pin
The current drawn from the VB pin must be limited to 10 mA maximum.
The VB regulator is also able to accept injected current up to 1 mA without losing voltage
regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com