Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5524 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  Parallel LED Driver with PWM Brightness Control in Micro SMD Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 2 Page - Texas Instruments

  LP5524 Datasheet HTML 1Page - Texas Instruments LP5524 Datasheet HTML 2Page - Texas Instruments LP5524 Datasheet HTML 3Page - Texas Instruments LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
X T
V 2
X = 1 Digit Date Code
T = Die Traceability
V2 = Product Identification
= Pin A1
ENB
VIN
GND
D2B
ISET
D1B
A
B
C
2
1
ENA
D1A
D2A
3
ENB
VIN
GND
D2B
ISET
D1B
A
B
C
2
1
ENA
D1A
D2A
3
LP5524
SNVS500 – JULY 2007
www.ti.com
Micro SMD-9 package, 1.215 x 1.215 x 0.60 mm body size, 0.4 mm pitch
Figure 1. Top View
Figure 2. Bottom View
PACKAGE MARK
ORDERING INFORMATION
Order Number
Default LED
Package Marking
Supplied As
Spec/Flow
Current(1)
LP5524TM-5
5 mA
V2
TNR 250
NOPB
LP5524TMX-5
5 mA
V2
TNR 3000
NOPB
(1)
Other current options are available upon request, please contact the National Semiconductor Sales Office.
PIN DESCRIPTIONS
Pin
Name
Type
Description
A1
ISET
AI
Current set input
A2
ENB
DI
Enable for bank B
A3
ENA
DI
Enable for bank A
B1
D1B
AO
Current source output, bank B LED1
B2
VIN
P
Power supply pin
B3
D1A
AO
Current source output, bank A LED1
C1
D2B
AO
Current source output, bank B LED2
C2
GND
G
Ground
C3
D2A
AO
Current source output, bank A LED2
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com