Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5524 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  Parallel LED Driver with PWM Brightness Control in Micro SMD Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 1 Page - Texas Instruments

  LP5524 Datasheet HTML 1Page - Texas Instruments LP5524 Datasheet HTML 2Page - Texas Instruments LP5524 Datasheet HTML 3Page - Texas Instruments LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP5524
ENA
VIN
ISET
D2B
VIN
GND
ENB
D1B
D2A
D1A
RISET
(optional)
IDX = 25 mA max
LP5524
www.ti.com
SNVS500 – JULY 2007
LP5524 Parallel LED Driver with PWM Brightness Control in Micro SMD Package
Check for Samples: LP5524
1
FEATURES
•
PWM Brightness Control
•
Over-Current Protection
2
•
High side LED driver
•
Wide Input Voltage Range: 2.7V to 5.5V
•
Drives 4 LEDs with Up to 25mA per LED
•
Ultra-Small Solution Size:
APPLICATIONS
–
No External Components
•
Sub display Backlight
–
Micro SMD-9 Package with 0.4 mm pitch:
•
Keypad LED Backlight
–
1.215mm x 1.215mm x 0.6mm (LxWxH)
•
Indicator LED
•
0.4% Typical Current Matching
DESCRIPTION
The LP5524 is a highly integrated dual-zone LED driver that can drive up to four LEDs in parallel with a total
output current of 100mA. Regulated high side internal current sources deliver excellent current and brightness
matching in all LEDs.
LED driver current sources are split into two independently controlled banks for driving secondary displays,
keypad and indicator LEDs. Brightness control is achieved by applying PWM signals to each enable pin. Default
LED current is factory-programmable and an optional external resistor can be used to set LED current to user
programmable values.
LP5524 is available in National’s tiny 9-bump thin micro SMD package.
Typical Application
Connection Diagram
Connection Diagrams and Package Mark Information
Micro SMD-9 package, 1.215 x 1.215 x 0.60 mm body size, 0.4 mm pitch
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5524

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5524 NSC-LP5524 Datasheet
232Kb / 10P
Parallel LED Driver with PWM Brightness Control in Micro SMD Package
logo
Texas Instruments
LP5524 TI1-LP5524 Datasheet
840Kb / 19P
LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
LP5524 TI2-LP5524 Datasheet
416Kb / 18P
LP5524 Four-Channel LED Driver With Dual-PWM Brightness Control
REVISED NOVEMBER 2016
logo
National Semiconductor ...
LP5524TM-5 NSC-LP5524TM-5 Datasheet
232Kb / 10P
Parallel LED Driver with PWM Brightness Control in Micro SMD Package
logo
Texas Instruments
LP5524TM-5/NOPB TI1-LP5524TM-5/NOPB Datasheet
840Kb / 19P
LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
More results

Similar Description - LP5524

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5524 NSC-LP5524 Datasheet
232Kb / 10P
Parallel LED Driver with PWM Brightness Control in Micro SMD Package
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
White LED Driver With PWM Brightness Control
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
White LED Driver with PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com