Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5524 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  Parallel LED Driver with PWM Brightness Control in Micro SMD Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 4 Page - Texas Instruments

  LP5524 Datasheet HTML 1Page - Texas Instruments LP5524 Datasheet HTML 2Page - Texas Instruments LP5524 Datasheet HTML 3Page - Texas Instruments LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LP5524
SNVS500 – JULY 2007
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the operating ambient temperature range (-
40°C < TA < +85°C). Unless otherwise noted, specifications apply to the LP5524 Block Diagram with: VIN = 3.6V, RISET = 32.4
k
Ω, CIN = 100 nF.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IVIN
Shutdown Supply
ENA = ENB = 0V
0.2
1
µA
Current
Active Mode
ENA = ENB = H,
170
210
µA
Supply Current
ISET = open
IDX
Recommended
3
25
mA
LED Current
IOUT
LED Output
IDX = 5mA, VDX =
0.5
5
%
Current Accuracy
VIN - 0.2V
ISET = open
LED Output
IDX = 15.9mA, VDX
0.5
4
%
Current Accuracy
= VIN - 0.2V
IMATCH
LED Current
IDX = 15.9mA
0.4
2.5
%
Matching (3)
ΔIDX%/ΔVIN
Line Regulation
1
%/V
ΔIDX%/ΔVDX
Load Regulation
VDX < VIN - 0.2V
0.4
%/V
VHR
Minimum
IDX set to 5 mA
10
mV
Headroom
IDX set to 15 mA
30
75
mV
Voltage
(VIN - VDX)
(4)
IMIRROR
External RISET to
1:416
LED
Current Mirroring
Ratio
VISET
ISET Reference
1.237
V
Voltage
IISET
ISET Pin Current
2.5
62.5
µA
Range
tPWM MIN
Recommended
33
μs
Minimum
On Time For
PWM Signal
VIL
Logic Input Low
0.4
V
Level
VIH
Logic Input High
1.2
V
Level
IIN
CTRL Input
ENA / ENB = 1.2V
1.2
1.9
µA
Current
tSD
Shutdown Delay
Delay from ENA
20
25
µs
Time
and ENB = low to
IDX = 0.1 x IDX
nom
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
Matching is the maximum difference from the average.
(4)
The current source is connected internally between VIN an VDX. The voltage across the current source, (VIN - VDX), is referred to a
Headroom Voltage (VHR). Minimum Headroom Voltage is defined as the VHR voltage when the LED current has dropped 20% from the
value measured at VDX = VIN - 1V.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com