Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5524 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  Parallel LED Driver with PWM Brightness Control in Micro SMD Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5524 Datasheet HTML 3Page - Texas Instruments LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments LP5524 Datasheet HTML 10Page - Texas Instruments LP5524 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LP5524
www.ti.com
SNVS500 – JULY 2007
IDX = 515 / RISET (Amps)
The use of RISET is optional. If RISET is not used ISET pin can be left floating or connected to VIN. In these cases
LED current is set to default current.
PWM BRIGHTNESS CONTROL
The brightness of LEDs can be linearly varied from zero up to the maximum programmed current level by
applying a Pulse–Width–Modulated signal to the ENx pin of the LP5524. The following procedures illustrate how
to program the LED drive current and adjust the output current level using a PWM signal.
1. Determine the maximum desired LED current. Use the IDX equation to calculate RISET.
2. Brightness control can be implemented by pulsing a signal at the ENx pin. LED brightness is proportional to
the duty cycle (D) of the PWM signal.
For linear brightness control over the full duty cycle adjustment range, the LP5524 uses a special turn–off time
delay to compensate the turn–on time of the device.
If the PWM frequency is much less than 100Hz, flicker may be seen in the LEDs. For the LP5524, zero duty
cycle will turn off the LEDs and a 50% duty cycle will result in an average IDX being half of the programmed LED
current. For example, if RISET is set to program LED current to 15 mA, a 50% duty cycle will result in an average
IDX of 7.5mA.
LED HEADROOM VOLTAGE
A single current source is connected internally between VIN and DX outputs (D1A, D2A, D1B and D2B). The
voltage across the current source, (VIN – VDX), is referred to as headroom voltage (VHR). The current source
requires a sufficient amount of headroom voltage to be present across it in order to regulate properly.
FigureOutput Current vs Headroom Voltage shows how output current of the LP5524 varies with respect to
headroom voltage. On the flat part of the graph, the current is regulated properly as there is sufficient headroom
voltage for regulation. On the sloping part of the graph the headroom voltage is too small, the current source is
squeezed, and the current drive capability is limited. Thus, operating the LP5524 with insufficient headroom
voltage across the current source should be avoided.
LED OUTPUTS
If more than 25 mA of output current is required LED outputs can be connected parallel. Connecting LED outputs
of different group parallel generates a simply two stage brightness control. With IDX set to 25 mA, enabling one
group sets the LED current to 25 mA. Enabling second bank increases the LED current to 50 mA. Unused LED
outputs can be left floating or tied to VIN.
Recommended External Components
INPUT CAPACITOR, CIN
Although not required for normal operation, a capacitor can be added to VIN to reduce line noise. A surface-
mount multi-layer ceramic capacitor (MLCC) is recommended. MLCCs with a X7R or X5R temperature
characteristic are preferred.
CURRENT SET RESISTOR, RISET
If other than 5 mA current is required, RISET resistor can be used to adjust the current. For 15.9 mA current 32.4
k
Ω resistor is required. Accuracy of the resistor directly effects to the accuracy of the LED current. 1% or better is
recommended.
LED
Forward voltage of LED must be less than minimum input voltage minus minimum headroom voltage (VHR). For
example with 2.7V input voltage and 20 mA LED current the maximum LED forward voltage is 2.7V - 100 mV =
2.6V.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com