Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5524 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  Parallel LED Driver with PWM Brightness Control in Micro SMD Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5524 Datasheet HTML 2Page - Texas Instruments LP5524 Datasheet HTML 3Page - Texas Instruments LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments LP5524 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LP5524
SNVS500 – JULY 2007
www.ti.com
LED Driver Typical Performance Characteristics
TJ = 25°C. Unless otherwise noted, typical performance characteristics apply to the LP5524 Block Diagram with: VIN = 3.6V,
RISET = 32.4 kΩ, CIN = 100 nF.
Output Current vs RISET (Expanded Range)
Output Current vs RISET
Output Current vs Input Voltage
(ISET Connected To VDD)
Output Current vs Headroom Voltage
PWM Responce (Both Channels)
PWM Response (Single Channel)
Application Information
ENABLE MODE
The LP5524 has four constant current LED outputs which are split into two independently controlled banks. Each
bank has its own enable input. ENA is used to control bank A and ENB is used to control bank B. Both enables
are active high and have internal pull–down resistors. When both enables are low part is in low power standby
mode. Driving either enable high will activate the part and corresponding LED outputs.
ISET PIN
An external resistor (RISET) connected to ISET pin sets the output current of all the LEDs. The internal current
mirror sets the LEDs output current with a 416:1 ratio to the current through RISET. The following equation
approximates the LED current:
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com