Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5524 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  Parallel LED Driver with PWM Brightness Control in Micro SMD Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments LP5524 Datasheet HTML 10Page - Texas Instruments LP5524 Datasheet HTML 11Page - Texas Instruments LP5524 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LP5524
SNVS500 – JULY 2007
www.ti.com
Table 1. List of Recommended External Components
Symbol
Symbol Explanation
Value
Unit
Type
CIN
VDD Bypass Capacitor
100
nF
Ceramic, X7R or X5R
RISET
Current Set Resistor for 15.9 mA LED Current
32.4
k
Ω
1%
LEDs
User defined
Table 2. Recommended E96 Series (1% Tolerance) Current Set Resistors
RISET (kΩ)
IDX (mA)
RISET (kΩ)
IDX (mA)
169
3.0
34.0
15.1
127
4.1
32.4
15.9
102
5.0
30.1
17.1
84.5
6.1
28.7
17.9
73.2
7.0
26.7
19.3
64.9
7.9
25.5
20.2
56.2
9.2
24.3
21.2
51.1
10.1
23.2
22.2
46.4
11.1
22.1
23.3
42.2
12.2
21.5
24.0
39.2
13.1
20.5
25.1
36.5
14.1
IDX = 515 / RISET (Amps)
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com