Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB221 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB221
Description  High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB221 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB221 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PS9053
10/28/09
PI3USB221
High-Speed USB2.0 1:2 Multiplexer/
DeMultiplexer Switch with Signal Enable
ELECTRICAL CHARACTERISTICS
Overoperatingfree-airtemperaturerange(unlessotherwisenoted)
Parameter
Testing Conditions
Min
Typ
Max
Unit
VIK
VDD=3.6V,2.7V,II=–18mA
–1.8
V
IIN
Control
Inputs
VDD=3.6V,2.7V,0V,VIN=0Vto3.6V
±1
µA
IOZ3
VDD=3.6V,2.7V,VIN=VDDorGND,
VO=0Vto3.6V,VI=0V,SwitchOFF
±1
I(OFF)
VDD=0V
VI/O=0Vto3.6V
±2
VI/O=0to2.7V
±1
ICC
VDD=3.6V,2.7V,VIN=VDDorGND,
II/O=0V,SwitchONorOFF
50
ICC(lowpower
mode)
VDD=3.6V,2.7V,VIN=VDDorGND,
Switchdisabled,(OEinhighstate)
2
DICC4
Control
Inputs
VDD=2.7V,Ssweepsfrom
1.4Vto3.3V,OE/=0V
15
VDD=2.7V,OE/sweeps
from1.4Vto3.3V,S=0V
0.75
CIN
Control
Inputs
VDD=3.3V,2.5V,VIN=3.3Vor0V
1
2
pF
Cio(OFF)
VDD=3.3V,2.5V,VIN=3.3Vor0V,SwitchOFF
2
4
Cio(ON)
VDD=3.3V,2.5V,VIN=3.3Vor0V,SwitchON
5
6
rON5
VDD=3V,2.3V
VI=0V,IO=30mA
6
Ω
VI=2.4V,IO=–15mA
6
DrON
VDD=3V,2.3V
VI=0V,IO=30mA
0.2
VI=1.7V,IO=–15mA
0.2
rON(flat)
VDD=3V,2.3V
VI=0V,IO=30mA
1
VI=1.7V,IO=–15mA
1
Notes:
1. VINandIINrefertocontrolinputs.VI,VO,II,andIOrefertodatapins.
2. AlltypicalvaluesareatVDD=3.3V(unlessotherwisenoted),TA=25°C.
3. ForI/Oports,theparameterIOZincludestheinputleakagecurrent.
4. ThisistheincreaseinsupplycurrentforeachinputthatisatthespecifiedTTLvoltagelevel,ratherthanVDDorGND.
5. Measuredbythevoltagedropbetweentheinputandoutputterminalsattheindicatedcurrentthroughtheswitch.ON-stateresistanceisdeter-
minedbythelowerofthevoltagesofthetwoterminals.
DYNAMIC ELECTRICAL CHARACTERISTICSoveroperatingrange,TA=–40°Cto85°C,VDD=3.3V±10%,
GND=0V
Symbol
Parameter
Test Conditions
Typ1
Unit
XTALK
Crosstalk
RL=50Ω,f =250MHz
–40
dB
OIRR
OFFisolation
RL=50Ω,f =250MHz
–41
BW
Bandwidth(–3dB)
RL=50Ω
1.1
GHz
Note:
1.ForMaxorMinconditions,usetheappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
09-0004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com