Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB221 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3USB221
Description  High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB221 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3USB221 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PS9053
10/28/09
PI3USB221
High-Speed USB2.0 1:2 Multiplexer/
DeMultiplexer Switch with Signal Enable
50%
50%
50%
50%
50%
50%
50%
50%
50%
SK(P)
SK(P)
= t
t
SK(P)
PHL
PLH
|
|
t
= t
t
SK(O)
PLH1
PLH2
|
| or |
|
t
t
PHL1
PHL2
Input
Input
Output
V
OL
V
OL
V
OL
V
OH
V
OH
V
OH
t
PLH
t
SK(O)
t
SK(O)
t
PHL2
t
PLH2
t
PLH1
t
PHL1
t
PHL
VDD
IIN
ron
VIN VOUT2 or VOUT1
IIN
GND
Channel ON
1D
VCTRL
2D
D
VIN
VCTRL = VIH or VIL
VOUT2
VOUT1
+
+
S
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 14. Skew Test
Figure 15. ON-State Resistance (ron)
t
09-0004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com