Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB221 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB221
Description  High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB221 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB221 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PS9053
10/28/09
PI3USB221
High-Speed USB2.0 1:2 Multiplexer/
DeMultiplexer Switch with Signal Enable
VDDSupplyVoltageRange................................................. –0.5Vto4.6V
VINControlInputVoltageRange2,3....................................... –0.5Vto7V
VI/OSwitchI/OVoltageRange2,3,4....................................... –0.5Vto7V
IIKControlInputClampCurrent(VIN<0).................................... –50mA
II/OKI/OPortClampCurrent(VI/O<0)......................................... –50mA
II/OON-stateSwitchCurrent5....................................................... ±120mA
ContinuouscurrentthroughVDDorGND.................................... ±100mA
θJAPackageThermalImpedance
TLLGAPackage..............................................................48.7°C/W
TDFNPackage.................................................................243°C/W
TstgStoragetemperaturerange..............................................–65to150°C
Notes:
1. Stressesbeyondthoselistedunder"absolutemaximumratings"maycausepermanentdamagetothedevice.Thesearestressratingsonly,and
functionaloperationofthedeviceattheseoranyotherconditionsbeyondthoseindicatedunder"recommendedoperatingconditions"isnotimplied.
Exposuretoabsolute-maximum-ratedconditionsforextendedperiodsmayaffectdevicereliability.
2. Allvoltagesarewithrespecttoground,unlessotherwisespecified.
3. Theinputandoutputvoltageratingsmaybeexceedediftheinputandoutputclamp-currentratingsareobserved.
4. VIandVOareusedtodenotespecificconditionsforVI/O.
5. IIandIOareusedtodenotespecificconditionsforII/O.
6. ThepackagethermalimpedanceiscalculatedinaccordancewithJESD51-7.
ABSOLUTE MAXIMUM RATINGS1
Overoperatingfree-airtemperaturerange(unlessotherwisenoted)
Recommended Operating Conditions1
Symbol Description
Parameter
Min
Max
Unit
VDD
Supplyvoltage
2.3
3.6
V
VIH
High-levelcontrolinputvoltage
VDD=2.3Vto2.7V
1.4
-
VDD=2.7Vto3.6V
1.3
-
VIL
Low-levelcontrolinputvoltage
VDD=2.3Vto2.7V
0.6
VDD=2.7Vto3.6V
0.6
VI/O
Datainput/outputvoltage
0
5.5
TA
Operatingfree-airtemperature
–
40
85
°C
Note:
1.AllunusedcontrolinputsofthedevicemustbeheldatVDDorGNDtoensureproperdeviceoperation.
09-0004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com