Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB221 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB221
Description  High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB221 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB221 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
PS9053
10/28/09
PI3USB221
High-Speed USB2.0 1:2 Multiplexer/
DeMultiplexer Switch with Signal Enable
Features
• VDDOperationat2.5Vand3.3V
• VI/OAcceptsSignalsupto5.5V
• 1.8-VCompatibleControl-PinInputs
• Low-PowerModeWhenOEIsDisabled(2µA)
• rON=6ΩMaximum
• ΔrON=0.2ΩTypical
• Cio(on)=6pFMaximum
• LowPowerConsumption(50µAMaximum)
• ESD>8kVcontactonUSBsignalpathperIEC61000-4-2)
• HighBandwidth(1.1GHzTypical)
• Packaging(Pb-free&Green):
-10-contact,TDFN(ZE10)
-10-contact,TLLGA(XA10)
Applications
• RoutesSignalsforUSB1.0,1.1,and2.0
• MobileIndustryProcessorInterface(MIPI)SignalRouting
Description
ThePI3USB221isahigh-bandwidthswitchspeciallydesigned
fortheswitchingofhigh-speedUSB2.0signalsinhandsetand
consumer applications, such as cell phones, digital cameras,
andnotebookswithhubsorcontrollerswithlimitedUSBI/Os.
The wide bandwidth (1.1 GHz) of this switch allows signals
to pass with minimum edge and phase distortion. The device
multiplexesdifferentialoutputsfromaUSBhostdevicetooneof
twocorrespondingoutputs.Theswitchisbidirectionalandoffers
littleornoattenuationofthehigh-speedsignalsattheoutputs.It
isdesignedforlowbit-to-bitskewandhighchannel-to-channel
noiseisolation,andiscompatiblewithvariousstandards,suchas
high-speedUSB2.0(480Mbps).
Pin Configuration
1D+
1
2
3
4
5
10
9
8
7
6
1D-
2D+
2D-
GND
VDD
S
D+
D-
OE
TDFNPackage
(TopView)
TLLGAPackage
(TopView)
1
2
3
4
9
8
7
6
10
5
1D+
1D-
2D+
2D-
S
D+
D-
OE
1
2
3
4
9
8
7
6
10
5
1D+
1D-
2D+
2D-
S
D+
D-
OE
TLLGAPackage
(BottomView)
09-0004


Similar Part No. - PI3USB221

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
PI3USB223ZMEX PERICOM-PI3USB223ZMEX Datasheet
942Kb / 10P
USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
More results

Similar Description - PI3USB221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
logo
Diodes Incorporated
PI3CSW12 DIODES-PI3CSW12 Datasheet
1Mb / 12P
High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
March 2021 Rev 4-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com