Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB221 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3USB221
Description  High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB221 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3USB221 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PS9053
10/28/09
PI3USB221
High-Speed USB2.0 1:2 Multiplexer/
DeMultiplexer Switch with Signal Enable
CL(2)
RL
VIN
VDD
GND
1D or 2D VOUT1 or VOUT2
VCTRL
1D or 2D
D
Logic
Input(1)
V+
VCOM
RL
CL
50 pF
tON
TEST
V+
50 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
1.8 V
Switch
Output
(VOUT1 or VOUT2)
0
CL(2)
RL
S
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50-Ohm, tr< 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
VOH
VOL
1D
2D
D
VOUT1
VIN
Channel OFF: 1D to D
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-Ohm load)
DC Bias = 350 mV
VDD
GND
50
Network Analyzer
Source
Signal
VCTRL
+
VCTRL = VDD or GND
S
Turn-On (tON) and Turn-Off Time (tOFF)
OFF Isolation (OISO)
-Ohm
50-Ohm
50-Ohm
500-Ohm
500-Ohm
PARAMETER MEASUREMENT INFORMATION
09-0004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com