Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB221 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3USB221
Description  High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB221 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3USB221 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB221 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS9053
10/28/09
PI3USB221
High-Speed USB2.0 1:2 Multiplexer/
DeMultiplexer Switch with Signal Enable
SWITCHING CHARACTERISTICSoveroperatingrange,TA=–40°Cto85°C,VDD=3.3V±10%,GND=0V
Symbol
Parameter
Min
Typ1
Max
Unit
tpd
PropagationDelay2,3
0.25
ns
tON
Lineenabletime
StoD,nD
125
OEtoD,nD
100
tOFF
Linedisabletime
StoD,nD
12
OEtoD,nD
12
tSK(O)
Outputskewbetweencenterporttoanyotherport2
0.1
0.2
tSK(P)
Skewbetweenoppositetransitionsofthesameoutput
(tPHL–tPLH)2
0.1
0.2
Notes:
1. ForMaxorMinconditions,usetheappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. Specifiedbydesign
3. TheswitchcontributesnopropagationaldelayotherthantheRCdelayoftheonresistanceoftheswitchandtheloadcapacitance.Thetime
constantfortheswitchaloneisoftheorderof0.25nsfor10-pFload.Sincethistimeconstantismuchsmallerthantherise/falltimesoftypical
drivingsignals,itaddsverylittlepropagationaldelaytothesystem.Propagationaldelayofthebusswitch,whenusedinasystem,isdetermined
bythedrivingcircuitonthedrivingsideoftheswitchanditsinteractionswiththeloadonthedrivenside.
09-0004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com