Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17543
Description  Synchronous Step-Down DC-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17543 Datasheet HTML 1Page - Maxim Integrated Products MAX17543 Datasheet HTML 2Page - Maxim Integrated Products MAX17543 Datasheet HTML 3Page - Maxim Integrated Products MAX17543 Datasheet HTML 4Page - Maxim Integrated Products MAX17543 Datasheet HTML 5Page - Maxim Integrated Products MAX17543 Datasheet HTML 6Page - Maxim Integrated Products MAX17543 Datasheet HTML 7Page - Maxim Integrated Products MAX17543 Datasheet HTML 8Page - Maxim Integrated Products MAX17543 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
19-7054; Rev 0; 9/14
General Description
The MAX17543 high-efficiency, high-voltage, synchronous
step-down DC-DC converter with integrated MOSFETs
operates over a 4.5V to 42V input. The converter can
deliver up to 2.5A and generates output voltages from
0.9V up to 0.9 x VIN. The feedback (FB) voltage is
accurate to within ±1.1% over -40°C to +125°C.
The MAX17543 uses peak current-mode control. The
device can be operated in the pulse-width modulation
(PWM), pulse-frequency modulation (PFM), or
discontinuous conduction mode (DCM) control schemes.
The device is available in a 20-pin (4mm x 4mm) TQFN
package. Simulation models are available.
Applications
● Industrial Power Supplies
● Distributed Supply Regulation
● High-Voltage Single-Board Systems
● Base Station Power Supply
● General-Purpose Point-of-Load
Features and Benefits
● Reduces External Components and Total Cost
• No Schottky – Synchronous Operation
• Internal Compensation for Any Output Voltage
• Built-In Soft-Start
• All-Ceramic Capacitors, Compact Layout
● Reduces Number of DC-DC Regulators to Stock
• Wide 4.5V to 42V Input
• Adjustable 0.9V to 0.9 x VIN Output
• 100kHz to 2.2MHz Adjustable Switching Frequency
with External Synchronization
● Reduces Power Dissipation
• Peak Efficiency >90%
• PFM/DCM Enables Enhanced Light-Load
Efficiency
• 2.8µA Shutdown Current
● Operates Reliably in Adverse Industrial Environments
• Peak Current-Limit Protection
• Built-In Output Voltage Monitoring with RESET
• Programmable EN/UVLO Threshold
• Monotonic Startup into Prebiased Load
• Overtemperature Protection
• -40°C to +125°C Operation
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX17543.related.
RESET
VIN
VIN VIN
BST
RT
SYNC
MODE
VCC
SGND
CF
SS
FB
PGND
PGND
PGND
LX
LX
LX
EN/UVLO
MAX17543
L1
10µH
C5
0.1µF
C4
22µF
R3
178kΩ
R4
39kΩ
VOUT
5V, 2.5A
VIN
(6.5V TO 42V)
C1
2.2µF
C3
5.6nF
fSW = 500kHz
C2
2.2µF
Typical Application Circuit—5V, 500kHz Switching Frequency
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
EVALUATION KIT AVAILABLE


Similar Part No. - MAX17543

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17543 MAXIM-MAX17543 Datasheet
966Kb / 11P
5V Output-Voltage Application
Rev 0; 9/14
MAX17543 MAXIM-MAX17543 Datasheet
1,014Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
MAX17543ATP+ MAXIM-MAX17543ATP+ Datasheet
2Mb / 19P
4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
MAX17543EVKITA MAXIM-MAX17543EVKITA Datasheet
1,014Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
More results

Similar Description - MAX17543

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17545 MAXIM-MAX17545 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17551 MAXIM-MAX17551 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com