Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX17543
Description  Synchronous Step-Down DC-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX17543 Datasheet HTML 11Page - Maxim Integrated Products MAX17543 Datasheet HTML 12Page - Maxim Integrated Products MAX17543 Datasheet HTML 13Page - Maxim Integrated Products MAX17543 Datasheet HTML 14Page - Maxim Integrated Products MAX17543 Datasheet HTML 15Page - Maxim Integrated Products MAX17543 Datasheet HTML 16Page - Maxim Integrated Products MAX17543 Datasheet HTML 17Page - Maxim Integrated Products MAX17543 Datasheet HTML 18Page - Maxim Integrated Products MAX17543 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Setting the Input Undervoltage-Lockout Level
The device offers an adjustable input undervoltage-lockout
level. Set the voltage at which the device turns on with
a resistive voltage-divider connected from VIN to SGND.
Connect the center node of the divider to EN/UVLO.
Choose R1 to be 3.3MΩ and then calculate R2 as follows:
×
=
INU
R1 1.215
R2
(V
-1.215)
where VINU is the voltage at which the device is required
to turn on. Ensure that VINU is higher than 0.8 x VOUT.
If the EN/UVLO pin is driven from an external signal source,
a series resistance of minimum 1kΩ is recommended to be
placed between the signal source output and the EN/UVLO
pin, to reduce voltage ringing on the line.
Loop Compensation
The device is internally loop-compensated. However, if
the switching frequency is less than 500kHz, connect a
0402 capacitor C6 between the CF pin and the FB pin.
Use Table 2 to select the value of C6.
If the switching frequency is less than 200kHz, connect
an additional R-C network in parallel to the top resistor of
the feedback divider (R3). See Figure 5 to calculate the
values of the components R7, C12, and C6.
Adjusting Output Voltage
Set the output voltage with a resistive voltage-divider
connected from the positive terminal of the output
capacitor (VOUT) to SGND (see Figure 3). Connect the
center node of the divider to the FB pin. Use the following
procedure to choose the resistive voltage-divider values:
Calculate resistor R3 from the output to the FB pin as
follows:
OUT
R3 39 V
=
×
where R3 is in kΩ.
Calculate resistor R4 from the FB pin to SGND as follows:
×
=
OUT
R3 0.9
R4
(V
- 0.9)
Power Dissipation
Ensure that the junction temperature of the device
does not exceed 125ºC under the operating conditions
specified for the power supply.
At a particular operating condition, the power losses that
lead to temperature rise of the part are estimated as
follows:
(
)
=
××
η
2
LOSS
OUT
DCR
OUT
1
P
(P
( -1)) - I
R
=
×
OUT
OUT
OUT
P
VI
where POUT is the total output power, η is the efficiency
of the converter, and RDCR is the DC resistances of the
inductor. (See the Typical Operating Characteristics for more
information on efficiency at typical operating conditions.)
For a multilayer board, the thermal performance metrics
for the package are given below:
JA 33 C W
θ=
°
JC 2 CW
θ= °
Figure 2. Setting the Input Undervoltage Lockout
Figure 3. Setting the Output Voltage
Table 2. C6 Capacitor Value at Various
Switching Frequencies
SWITCHING FREQUENCY RANGE (kHz)
C6 (pF)
200 to 300
2.2
300 to 400
1.2
400 to 500
0.75
SGND
R3
VOUT
R4
FB
SGND
R1
VIN
R2
EN/UVLOV
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com