Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX17543
Description  Synchronous Step-Down DC-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX17543 Datasheet HTML 8Page - Maxim Integrated Products MAX17543 Datasheet HTML 9Page - Maxim Integrated Products MAX17543 Datasheet HTML 10Page - Maxim Integrated Products MAX17543 Datasheet HTML 11Page - Maxim Integrated Products MAX17543 Datasheet HTML 12Page - Maxim Integrated Products MAX17543 Datasheet HTML 13Page - Maxim Integrated Products MAX17543 Datasheet HTML 14Page - Maxim Integrated Products MAX17543 Datasheet HTML 15Page - Maxim Integrated Products MAX17543 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Detailed Description
The MAX17543 high-efficiency, high-voltage, synchro-
nously-rectified step-down converter with dual integrated
MOSFETs operates over a 4.5V to 42V input. It delivers
up to 2.5A and 0.9V to 90%VIN output voltage. Built-in
compensation across the output voltage range eliminates
the need for external components. The feedback (FB)
regulation accuracy over -40°C to +125°C is ±1.1%.
The device features a peak-current-mode-control
architecture. An internal transconductance error amplifier
produces an integrated error voltage at an internal node,
which sets the duty cycle using a PWM comparator, a high-
side current-sense amplifier, and a slope-compensation
generator. At each rising-edge of the clock, the high-
side MOSFET turns on and remains on until either
the appropriate or maximum duty cycle is reached, or
the peak current limit is detected. During the high-side
MOSFET’s on-time, the inductor current ramps up. During
the second-half of the switching cycle, the high-side
MOSFET turns off and the low-side MOSFET turns on.
The inductor releases the stored energy as its current
ramps down and provides current to the output.
The device features a MODE pin that can be used
to operate the device in PWM, PFM, or DCM control
schemes. The device integrates adjustable-input
undervoltage lockout, adjustable soft-start, open RESET,
and external frequency-synchronization features.
Mode Selection (MODE)
The logic state of the MODE pin is latched when VCC
and EN/UVLO voltages exceed the respective UVLO
rising thresholds and all internal voltages are ready to
allow LX switching. If the MODE pin is open at power-up,
the device operates in PFM mode at light loads. If the
MODE pin is grounded at power-up, the device operates
in constant-frequency PWM mode at all loads. Finally,
if the MODE pin is connected to VCC at power-up, the
device operates in constant-frequency DCM mode at light
loads. State changes on the MODE pin are ignored during
normal operation.
PWM Mode Operation
In PWM mode, the inductor current is allowed to go
negative. PWM operation provides constant frequency
operation at all loads, and is useful in applications
sensitive to switching frequency. However, the PWM
mode of operation gives lower efficiency at light loads
when compared to PFM and DCM modes of operation.
PFM Mode Operation
The PFM mode of operation disables negative inductor
current and also skips pulses at light loads for high
efficiency. In PFM mode, the inductor current is forced to
a fixed peak of 750mA every clock cycle until the output
rises to 102.3% of the nominal voltage. Once the output
reaches 102.3% of the nominal voltage, both the high-
side and low-side FETs are turned off and the device
enters hibernation mode until the load discharges the
output to 101.1% of the nominal voltage. Most of the
internal blocks are turned off in hibernation mode to save
quiescent current. After the output falls below 101.1% of
the nominal voltage, the device comes out of hibernation
mode, turns on all internal blocks, and again commences
the process of delivering pulses of energy to the output
until it reaches 102.3% of the nominal output voltage.
The advantage of PFM mode is higher efficiency at light
loads due to lower quiescent current drawn from sup-
ply. The disadvantage is that the output voltage ripple is
higher than in the PWM or DCM modes of operation, and
the switching frequency is not constant at light loads.
DCM Mode Operation
The DCM mode of operation features constant-frequency
operation down to lighter loads than PFM mode by
disabling negative inductor current at light loads instead
of skipping pulses. DCM operation offers efficiency
performance that lies between the PWM and PFM modes.
Linear Regulator (VCC)
An internal linear regulator (VCC) provides a 5V nominal
supply to power the internal blocks and the low-side
MOSFET driver. The output of the linear regulator (VCC)
should be bypassed with a 2.2µF ceramic capacitor to
SGND. The device employs an undervoltage lockout
circuit that disables the internal linear regulator when VCC
falls below 3.8V (typ).
Setting the Switching Frequency (RT)
The switching frequency of the device can be programmed
from 100kHz to 2.2MHz by using a resistor connected
from the RT pin to SGND. The switching frequency (fSW)
is related to the resistor connected at the RT pin (RRT) by
the following equation:
3
RT
SW
21 10
R
1.7
f
×
≅−
where RRT is in kΩ and fSW is in kHz. Leaving the RT pin
open causes the device to operate at the default switching
frequency of 500kHz. See Table 1 for RT resistor values
for a few common switching frequencies. To operate the
MAX17543 at switching frequencies lower than 200kHz, an
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com