Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX17543
Description  Synchronous Step-Down DC-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX17543 Datasheet HTML 10Page - Maxim Integrated Products MAX17543 Datasheet HTML 11Page - Maxim Integrated Products MAX17543 Datasheet HTML 12Page - Maxim Integrated Products MAX17543 Datasheet HTML 13Page - Maxim Integrated Products MAX17543 Datasheet HTML 14Page - Maxim Integrated Products MAX17543 Datasheet HTML 15Page - Maxim Integrated Products MAX17543 Datasheet HTML 16Page - Maxim Integrated Products MAX17543 Datasheet HTML 17Page - Maxim Integrated Products MAX17543 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Thermal-Shutdown Protection
Thermal-shutdown protection limits total power dissipation
in the device. When the junction temperature of the device
exceeds +165ºC, an on-chip thermal sensor shuts down
the device, allowing it to cool. The thermal sensor turns
the device on again after the junction temperature cools by
10ºC. Soft-start resets during thermal shutdown. Carefully
evaluate the total power dissipation (see the Power
Dissipation section) to avoid unwanted triggering of the
thermal shutdown in normal operation.
Applications Information
Input Capacitor Selection
The input filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input caused by the circuit’s switching.
The input capacitor RMS current requirement (IRMS) is
defined by the following equation:
×
=
×
OUT
IN
OUT
RMS
OUT(MAX)
IN
V
(V - V
)
II
V
where, IOUT(MAX) is the maximum load current.
IRMS has a maximum value when the input voltage
equals twice the output voltage (VIN = 2 x VOUT), so
IRMS(MAX) = IOUT(MAX)/2.
Choose an input capacitor that exhibits less than +10ºC
temperature rise at the RMS input current for optimal
long-term reliability. Use low-ESR ceramic capacitors with
high-ripple-current capability at the input. X7R capacitors
are recommended in industrial applications for their
temperature stability. Calculate the input capacitance
using the following equation:
××
=
η×
× ∆
OUT(MAX)
IN
SW
IN
I
D (1- D)
C
fV
where D = VOUT/VIN is the duty ratio of the controller,
fSW is the switching frequency, ΔVIN is the allowable input
voltage ripple, and η is the efficiency.
In applications where the source is located some distance
from the device input, an electrolytic capacitor should
be added in parallel to the ceramic capacitor to provide
necessary damping for potential oscillations caused by
the inductance of the longer input power path and input
ceramic capacitor.
Inductor Selection
Three key inductor parameters must be specified for
operation with the device: inductance value (L), inductor
saturation current (ISAT), and DC resistance (RDCR). The
switching frequency and output voltage determine the
inductor value as follows:
OUT
SW
V
L
f
=
where VOUT, and fSW are nominal values.
Select a low-loss inductor closest to the calculated
value with acceptable dimensions and having the lowest
possible DC resistance. The saturation current rating
(ISAT) of the inductor must be high enough to ensure that
saturation can occur only above the peak current-limit
value of 3.7A.
Output Capacitor Selection
X7R ceramic output capacitors are preferred due to their
stability over temperature in industrial applications. The
output capacitors are usually sized to support a step load
of 50% of the maximum output current in the application,
such that output voltage deviation is contained to 3% of
nominal output voltage. The minimum required output
capacitance can be calculated as follows:
(
)
OUT
C
OUT
5.5
C
fV
=
×
where COUT is in Farad and fC is the target closed-loop
crossover frequency in Hz. Select fC to be 1/9th of fSW if
the switching frequency is less than or equal to 500kHz.
If the switching frequency is more than 500kHz, select fC
to be 55kHz.
Derating of ceramic capacitors with DC-voltage must be
considered while selecting the output capacitor. Derating
curves are available from all major ceramic capacitor
vendors.
Soft-Start Capacitor Selection
The device implements adjustable soft-start operation to
reduce inrush current. A capacitor connected from the SS pin
to SGND programs the soft-start time. The selected output
capacitance (CSEL) and the output voltage (VOUT) determine
the minimum required soft-start capacitor as follows:
-6
SS
SEL
OUT
C
28 10
C
V
≥×
×
×
The soft-start time (tSS) is related to the capacitor
connected at SS (CSS) by the following equation:
SS
SS
-6
C
t
5.55 10
=
×
For example, to program a 1ms soft-start time, a 5.6nF
capacitor should be connected from the SS pin to SGND.
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com