Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX17543
Description  Synchronous Step-Down DC-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX17543 Datasheet HTML 11Page - Maxim Integrated Products MAX17543 Datasheet HTML 12Page - Maxim Integrated Products MAX17543 Datasheet HTML 13Page - Maxim Integrated Products MAX17543 Datasheet HTML 14Page - Maxim Integrated Products MAX17543 Datasheet HTML 15Page - Maxim Integrated Products MAX17543 Datasheet HTML 16Page - Maxim Integrated Products MAX17543 Datasheet HTML 17Page - Maxim Integrated Products MAX17543 Datasheet HTML 18Page - Maxim Integrated Products MAX17543 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
RESET
VIN
VIN VIN
BST
RT
SYNC
MODE
VCC
SGND
CF
SS
FB
PGND
PGND
PGND
LX
LX
LX
EN/UVLO
MAX17543
L1
10µH
C5
0.1µF
C4
22µF
R3
178kΩ
R4
39kΩ
VOUT
5V, 2.5A
VIN
(6.5V TO 42V)
C1
2.2µF
C3
5.6nF
fSW = 500kHz
Figure 4a - 5V Output, 500kHz Switching Frequency
Figure 4b - 3.3V Output, 500kHz Switching Frequency
RESET
VIN
VIN
VIN
BST
RT
SYNC
MODE
VCC
SGND
CF
SS
FB
PGND
PGND
PGND
LX
LX
LX
VIN (6.5V TO 42V)
EN/UVLO
MAX17543
L1
6.8µH
C5
0.1µF
C4
47µF
R3
127kΩ
R4
47.5kΩ
VOUT
3.3V, 2.5A
C1
2.2µF
C3
5600pF
C2
2.2µF
fSW = 500kHz
VIN
C2
2.2µF
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 17
Typical Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com