Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17543
Description  Synchronous Step-Down DC-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17543 Datasheet HTML 7Page - Maxim Integrated Products MAX17543 Datasheet HTML 8Page - Maxim Integrated Products MAX17543 Datasheet HTML 9Page - Maxim Integrated Products MAX17543 Datasheet HTML 10Page - Maxim Integrated Products MAX17543 Datasheet HTML 11Page - Maxim Integrated Products MAX17543 Datasheet HTML 12Page - Maxim Integrated Products MAX17543 Datasheet HTML 13Page - Maxim Integrated Products MAX17543 Datasheet HTML 14Page - Maxim Integrated Products MAX17543 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PIN
NAME
FUNCTION
12
VCC
5V LDO Output. Bypass VCC with 2.2µF ceramic capacitance to SGND.
13
SGND
Analog Ground
14–16
PGND
Power Ground. Connect the PGND pins externally to the power ground plane. Connect the SGND and
PGND pins together at the ground return path of the VCC bypass capacitor. Refer to the MAX17543 EV
kit data sheet for a layout example.
17–19
LX
Switching Node. Connect LX pins to the switching-side of the inductor. Refer to the MAX17543 EV kit
data sheet for a layout example.
20
BST
Boost Flying Capacitor. Connect a 0.1µF ceramic capacitor between BST and LX.
—
EP
Exposed Pad. Connect to the SGND pin. Connect to a large copper plane below the IC to improve heat
dissipation capability. Add thermal vias below the exposed pad. Refer to the MAX17543 EV kit data sheet
for a layout example.
VCC
SGND
1.215V
5V
LX
PGND
MODE
VIN
BST
LDO
EN/UVLO
RT
MAX17543
SYNC
CF
FB
SS
FB
OSCILLATOR
SWITCHOVER
LOGIC
ERROR AMPLIFIER/
LOOP COMPENSATION
MODE
SELECTION
LOGIC
SLOPE
COMPENSATION
RESET
LOGIC
CURRENT-SENSE
LOGIC
HICCUP
HICCUP
5µA
VCC
PWM/
PFM/
HICCUP
LOGIC
AND
DRIVERS
VBG = 0.9V
RESET
EN/UVLO
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 11
Pin Description (continued)
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com