Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # BB503C
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB503C Datasheet(HTML) 5 Page - Hitachi Semiconductor

  BB503C Datasheet HTML 1Page - Hitachi Semiconductor BB503C Datasheet HTML 2Page - Hitachi Semiconductor BB503C Datasheet HTML 3Page - Hitachi Semiconductor BB503C Datasheet HTML 4Page - Hitachi Semiconductor BB503C Datasheet HTML 5Page - Hitachi Semiconductor BB503C Datasheet HTML 6Page - Hitachi Semiconductor BB503C Datasheet HTML 7Page - Hitachi Semiconductor BB503C Datasheet HTML 8Page - Hitachi Semiconductor BB503C Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BB503C
5
200
150
100
50
0
50
100
150
200
0
1
234
5
20
16
12
8
4
V
= 4 V
V
= V
G2S
G1
DS
20
16
12
8
4
0
1
234
5
20
16
12
8
4
0
12
34
5
V
= 5 V
R
= 33 k
Ω
DS
G
V
= 5 V
R
= 47 k
Ω
DS
G
Ambient Temperature
Ta (°C)
Maximum Channel Power
Dissipation Curve
Typical Output Characteristics
Drain to Source Voltage
V
(V)
DS
Drain Current vs. Gate1 Voltage
Gate1 Voltage
V
(V)
G1
Drain Current vs. Gate1 Voltage
Gate1 Voltage
V
(V)
G1
R
=
22
k
G
Ω
33
kΩ
47
kΩ
68 kΩ
100 kΩ
2 V
V
= 1 V
G2S
4 V
3 V
V
= 1 V
G2S
3 V
4 V
2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com