Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # BB503C
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB503C Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button BB503C Datasheet HTML 3Page - Hitachi Semiconductor BB503C Datasheet HTML 4Page - Hitachi Semiconductor BB503C Datasheet HTML 5Page - Hitachi Semiconductor BB503C Datasheet HTML 6Page - Hitachi Semiconductor BB503C Datasheet HTML 7Page - Hitachi Semiconductor BB503C Datasheet HTML 8Page - Hitachi Semiconductor BB503C Datasheet HTML 9Page - Hitachi Semiconductor BB503C Datasheet HTML 10Page - Hitachi Semiconductor BB503C Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BB503C
7
0
510
15
20
4
3
2
1
0
10
20
50
100
0
5
10
15
20
30
25
20
15
10
5
0
10
100
20
50
30
25
20
15
10
5
0
DS
G2S
G
V
= V
= 5 V
V
= 4 V
R = variable
f = 900 MHz
G1
4
3
2
1
0
DS
G2S
G
V
= V
= 5 V
V
= 4 V
R = variable
f = 900 MHz
G1
G1
DS
G2S
V
= V
= 5 V
V
= 4 V
f = 900 MHz
Drain Current I
(mA)
D
Gate Resistance R
(k
Ω )
G
Noise Figure vs. Gate Resistance
Gate Resistance R
(k
Ω )
G
Power Gain vs. Gate Resistance
Drain Current I
(mA)
D
Power Gain vs. Drain Current
Noise Figure vs. Drain Current
G1
DS
G2S
V
= V
= 5 V
V
= 4 V
f = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com