Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # BB503C
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB503C Datasheet(HTML) 3 Page - Hitachi Semiconductor

  BB503C Datasheet HTML 1Page - Hitachi Semiconductor BB503C Datasheet HTML 2Page - Hitachi Semiconductor BB503C Datasheet HTML 3Page - Hitachi Semiconductor BB503C Datasheet HTML 4Page - Hitachi Semiconductor BB503C Datasheet HTML 5Page - Hitachi Semiconductor BB503C Datasheet HTML 6Page - Hitachi Semiconductor BB503C Datasheet HTML 7Page - Hitachi Semiconductor BB503C Datasheet HTML 8Page - Hitachi Semiconductor BB503C Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BB503C
3
Main Characteristics
Gate 1
Source
Drain
Gate 2
R G
A
I D
VG2
VG1
Output
Input
V
= 4 to 0.3 V
AGC
V
= 5 V
DS
R G
V
= 5 V
GG
BBFET
RFC
Test Circuit for Operating Items (I
, |yfs|, Ciss, Coss, Crss, NF, PG)
D(op)
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com