Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # BB503C
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB503C Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button BB503C Datasheet HTML 5Page - Hitachi Semiconductor BB503C Datasheet HTML 6Page - Hitachi Semiconductor BB503C Datasheet HTML 7Page - Hitachi Semiconductor BB503C Datasheet HTML 8Page - Hitachi Semiconductor BB503C Datasheet HTML 9Page - Hitachi Semiconductor BB503C Datasheet HTML 10Page - Hitachi Semiconductor BB503C Datasheet HTML 11Page - Hitachi Semiconductor BB503C Datasheet HTML 12Page - Hitachi Semiconductor BB503C Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BB503C
11
Sparameter (V
DS = VG1 = 5V, VG2S = 4V, RG = 47kΩ, Zo = 50Ω)
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
50
0.975
–2.6
2.37
176.1
0.00097
74.4
0.995
–1.9
100
0.977
–6.5
2.37
172.1
0.00162
89.8
0.998
–3.9
150
0.975
–9.1
2.36
168.0
0.00222
78.2
0.997
–5.8
200
0.972
–12.4
2.33
163.8
0.00282
83.8
0.996
–8.0
250
0.968
–15.6
2.32
159.9
0.00388
81.1
0.994
–10.0
300
0.963
–18.9
2.30
156.0
0.00437
76.0
0.993
–11.8
350
0.954
–22.2
2.28
151.8
0.00518
73.6
0.991
–13.9
400
0.946
–25.3
2.25
148.2
0.00567
75.6
0.989
–15.8
450
0.937
–28.2
2.22
144.1
0.00631
72.5
0.986
–17.8
500
0.930
–31.5
2.19
140.2
0.00637
72.7
0.984
–19.6
550
0.920
–34.7
2.16
136.3
0.00720
70.3
0.981
–21.6
600
0.914
–37.4
2.13
132.7
0.00747
67.0
0.978
–23.4
650
0.902
–40.4
2.09
129.3
0.00738
69.2
0.975
–25.4
700
0.886
–43.5
2.07
125.4
0.00758
68.6
0.972
–27.3
750
0.879
–46.1
2.03
122.0
0.00757
66.0
0.968
–29.0
800
0.873
–48.9
1.99
118.3
0.00729
67.5
0.966
–31.0
850
0.857
–52.0
1.96
114.9
0.00723
68.8
0.962
–32.9
900
0.845
–54.5
1.93
111.4
0.00706
68.3
0.959
–34.8
950
0.838
–57.2
1.90
108.1
0.00659
67.5
0.954
–36.6
1000
0.824
–59.6
1.86
104.9
0.00574
71.0
0.952
–38.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com