Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # BB503C
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB503C Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button BB503C Datasheet HTML 5Page - Hitachi Semiconductor BB503C Datasheet HTML 6Page - Hitachi Semiconductor BB503C Datasheet HTML 7Page - Hitachi Semiconductor BB503C Datasheet HTML 8Page - Hitachi Semiconductor BB503C Datasheet HTML 9Page - Hitachi Semiconductor BB503C Datasheet HTML 10Page - Hitachi Semiconductor BB503C Datasheet HTML 11Page - Hitachi Semiconductor BB503C Datasheet HTML 12Page - Hitachi Semiconductor BB503C Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BB503C
10
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 1 / div.
0°
30°
60°
90°
120°
150°
180°
–150°
–90°
–60°
–30°
–120°
Scale: 0.002 / div.
0°
30°
60°
90°
120°
150°
180°
–150°
–90°
–60°
–30°
–120°
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Test Condition:
DS
Ω
G1
V
= 5 V , V
= 5 V
V
= 4 V , R
= 47 k
,
Zo = 50
G2S
G
50 to 1000 MHz (50 MHz step)
Ω
Test Condition:
DS
Ω
G1
V
= 5 V , V
= 5 V
V
= 4 V , R
= 47 k
,
Zo = 50
G2S
G
50 to 1000 MHz (50 MHz step)
Ω
Test Condition:
DS
Ω
G1
V
= 5 V , V
= 5 V
V
= 4 V , R
= 47 k
,
Zo = 50
G2S
G
50 to 1000 MHz (50 MHz step)
Ω
Test Condition:
DS
Ω
G1
V
= 5 V , V
= 5 V
V
= 4 V , R
= 47 k
,
Zo = 50
G2S
G
50 to 1000 MHz (50 MHz step)
Ω
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com