Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # BB503C
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB503C Datasheet(HTML) 1 Page - Hitachi Semiconductor

  BB503C Datasheet HTML 1Page - Hitachi Semiconductor BB503C Datasheet HTML 2Page - Hitachi Semiconductor BB503C Datasheet HTML 3Page - Hitachi Semiconductor BB503C Datasheet HTML 4Page - Hitachi Semiconductor BB503C Datasheet HTML 5Page - Hitachi Semiconductor BB503C Datasheet HTML 6Page - Hitachi Semiconductor BB503C Datasheet HTML 7Page - Hitachi Semiconductor BB503C Datasheet HTML 8Page - Hitachi Semiconductor BB503C Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BB503C
Build in Biasing Circuit MOS FET IC
UHF RF Amplifier
ADE-208-812B(Z)
3rd. Edition
Jul. 1999
Features
• Build in Biasing Circuit; To reduce using parts cost & PC board space.
• Low noise; NF = 1.8 dB typ. at f = 900 MHz
• High gain; PG = 22 dB typ. at f = 900 MHz
• Withstanding to ESD;
Build in ESD absorbing diode. Withstand up to 200V at C=200pF, Rs=0 conditions.
• Provide mini mold packages; CMPAK-4(SOT-343mod)
Outline
CMPAK-4
1. Source
2. Gate1
3. Gate2
4. Drain
1
4
3
2
Notes:
1.
Marking is “CS–”.
2.
BB503C is individual type number of HITACHI BBFET.


Similar Part No. - BB503C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB503C RENESAS-BB503C Datasheet
217Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503CCS-TL-E RENESAS-BB503CCS-TL-E Datasheet
217Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB503C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB402M HITACHI-BB402M Datasheet
64Kb / 11P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB405M HITACHI-BB405M Datasheet
59Kb / 10P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501M HITACHI-BB501M Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503M HITACHI-BB503M Datasheet
64Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB504C HITACHI-BB504C Datasheet
80Kb / 11P
Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
logo
Renesas Technology Corp
BB504M RENESAS-BB504M Datasheet
100Kb / 10P
Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com