Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLA02PUR
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLA02PUR Datasheet HTML 2Page - STMicroelectronics STLA02PUR Datasheet HTML 3Page - STMicroelectronics STLA02PUR Datasheet HTML 4Page - STMicroelectronics STLA02PUR Datasheet HTML 5Page - STMicroelectronics STLA02PUR Datasheet HTML 6Page - STMicroelectronics STLA02PUR Datasheet HTML 7Page - STMicroelectronics STLA02PUR Datasheet HTML 8Page - STMicroelectronics STLA02PUR Datasheet HTML 9Page - STMicroelectronics STLA02PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Application
STLA02
6/23
Doc ID 010005 Rev 1
4
Application
Note:
Above listed components refer to a typical application with maximum performance settings.
Operation of the STLA02 is not limited to the choice of these external components.
Figure 3.
Application schematic
V
IN
L
C
OUT
EN/PWM
C
IN
STLA02
R
FB
EN/PWM
VIN
VLX
VOUT
FB
GND
I
LED
AM07828v1
V
IN
L
C
OUT
EN/PWM
C
IN
STLA02
R
FB
EN/PWM
VIN
VLX
VOUT
FB
GND
I
LED
AM07828v1
Table 6.
List of external components
Component
Manufacturer
Part number
Value
Size
CIN
MURATA
GRM216R61E105KA12
1 µF / 25 V
0805
COUT
MURATA
GRM216R61E105KA12
1 µF / 25 V
0805
L
MURATA
LQH3NPN100NJ0L
10 µH
3x3x0.9 mm
TDK
VLF3012ST-100MR59
10 µH
3x2.8x1.2 mm
RFB
TYCO
CPF0402B10RE
10
Ω
0402
LED
OSRAM
LWL283-Q1R2-3K8L-1-Z
20 mA / 3.1 V
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com