Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02PUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLA02PUR
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02PUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLA02PUR Datasheet HTML 3Page - STMicroelectronics STLA02PUR Datasheet HTML 4Page - STMicroelectronics STLA02PUR Datasheet HTML 5Page - STMicroelectronics STLA02PUR Datasheet HTML 6Page - STMicroelectronics STLA02PUR Datasheet HTML 7Page - STMicroelectronics STLA02PUR Datasheet HTML 8Page - STMicroelectronics STLA02PUR Datasheet HTML 9Page - STMicroelectronics STLA02PUR Datasheet HTML 10Page - STMicroelectronics STLA02PUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
STLA02
Electrical characteristics
Doc ID 010005 Rev 1
7/23
5
Electrical characteristics
VEN = VIN = 3 V TA = - 40 °C to 85 °C unless otherwise specified. Typical values are at
TA = 25 °C, unless otherwise specified.
Table 7.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Input operating supply
voltage
2.5
18
V
IS
Supply current
VEN = VIN, VOUT = 24 V, VFB = 23 V
2
4
mA
VEN = GND
10
µA
IO
Output current
adjustment
VIN = 2.5 V to 18 V, RFB = 10 Ω
20
mA
VOUT
Regulated voltage range
VIN = 2.5 V to 18 V
VIN+1
27
V
IPEAK
Inductor peak current
VIN = 2.5 V
300
400
550
mA
VFB
Feedback voltage (VOUT -
VFB)
VEN = VIN, RFB = 10 Ω
190
200
210
mV
IFB
FB bias current
VEN = VIN, VOUT = 24 V, VFB = 24 V
6
µA
ILX(leak)
N-MOS leakage current
VEN = 0, VLX = VOUT = 24 V
0.1
µA
ΔI
O
Output current tolerance
VIN = 3 V, IOUT = 0.2 V / RFB
-5
5
%
fs
Switching frequency
VIN = 2.5 V, TA = 25 °C
1.7
2
2.3
MHz
DMAX
Maximum duty cycle
VEN = VIN, VOUT = 24 V, VFB = 24 V
88
92
%
RDSon-N
Internal N-channel RDSon ILX = 20 mA
0.8
Ω
ν
Efficiency of the chip itself
VIN = 10 V, IO = 20 mA, VO = 6 x
VFLED_max + VRSENSE = 24 V
(1)
85
%
ν
Efficiency of the whole
application
VIN = 10 V, IO = 20 mA, VO = 6 x
VFLED_max + VRSENSE = 24 V
(1)
83
%
OVP
Output overvoltage
protection
VIN = 3 V, no load
28
V
TSHDN
Thermal shutdown
130
150
°C
THYS
Thermal shutdown
hysteresis
15
°C
VIL
Low and high level input
logic signal on EN pin
VIN = 2.5 V to 18 V, VENMAX = 12 V
01.5
V
VIH
1.8
VIN
TEN
LED current rise time ILED
= 0 to ILED = 20 mA
VIN = 9 V, VEN = 0 V to 3 V 6 LEDs in
series (1)
0.2
ms
TRESPONSE
LED current rise time ILED
= 0 mA to ILED = 20 mA
VIN = 9 V, VEN = 0 V to 3 V, 6 LEDs in
series (1), VOUT precharged
60
µs
1.
Guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com