Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02PUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLA02PUR
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02PUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLA02PUR Datasheet HTML 15Page - STMicroelectronics STLA02PUR Datasheet HTML 16Page - STMicroelectronics STLA02PUR Datasheet HTML 17Page - STMicroelectronics STLA02PUR Datasheet HTML 18Page - STMicroelectronics STLA02PUR Datasheet HTML 19Page - STMicroelectronics STLA02PUR Datasheet HTML 20Page - STMicroelectronics STLA02PUR Datasheet HTML 21Page - STMicroelectronics STLA02PUR Datasheet HTML 22Page - STMicroelectronics STLA02PUR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
STLA02
Package mechanical data
Doc ID 010005 Rev 1
19/23
Table 8.
DFN6 (2 x 2 mm.) mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.700.750.80
A1
0
0.02
0.05
A3
0.20
b
0.180.250.30
D
1.902.002.10
D2
1.35
1.50
1.60
E
1.902.002.10
E2
0.15
0.30
0.40
e0.50
L
0.250.350.45
Figure 21.
DFN6 (2 x 2 mm.) drawing
7733060D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com