Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02PUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLA02PUR
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02PUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLA02PUR Datasheet HTML 11Page - STMicroelectronics STLA02PUR Datasheet HTML 12Page - STMicroelectronics STLA02PUR Datasheet HTML 13Page - STMicroelectronics STLA02PUR Datasheet HTML 14Page - STMicroelectronics STLA02PUR Datasheet HTML 15Page - STMicroelectronics STLA02PUR Datasheet HTML 16Page - STMicroelectronics STLA02PUR Datasheet HTML 17Page - STMicroelectronics STLA02PUR Datasheet HTML 18Page - STMicroelectronics STLA02PUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
STLA02
Introduction
Doc ID 010005 Rev 1
15/23
For nominal operation, the peak inductor current can be calculated by the formula:
Equation 2
where:
IPEAK
Peak inductor current
IOUT
Current sourced at the VOUT pin
ν
Efficiency of the STLA02
VOUT
Output voltage at the VOUT pin
VIN
Input voltage at the VIN pin
L
Inductance value of the inductor
f
Switching frequency
For the optimal function of the STLA02 device, it is recommended to use the inductor value
10 µH and higher with low serial resistance and relevant saturation current calculated from
the equation above.
RFB value
RFB = VFB / ILED
In the case of a typical setting ILED = 20 mA, VFB = 200 mV, and RSENSE = 10 Ω. The
resistor must be rated for a power dissipation of 10 x 0.02² W = 0.004 W.
PCB layout
STLA02 is a powerful switched device, the PCB must be designed in line with rules for
designing switched supplies. It is recommended to use a two layer PCB. The power wirings
must be as short as possible and wide. Place all external components close to the STLA02.
High-energy switched loops should be as small as possible to reduce EMI. Most LEDs need
cooling, which may be done by a defined area of copper on the PCB. Use the reference
guide of each LED to design the heatsink. Place the RFB resistor as close as possible to pin
4 and 5. When a change of PCB layer is needed, use enough vias. During routing the PCB
must be focused on the minimum area of the application ground - the smaller the ground
area of the DC-DC converter (a), the better stability and lower noise issues are achieved. It is
recommended to place the copper plate, connected through the vias to the Exposed pad, on
the bottom layer to create the heatsink of the device.
a.
The application ground area is represented by the area which is created by the ground pins of the CIN, COUT,
ground of the DEVICE and GND connection of the load.
()
[
]
IN
OUT
2
OUT
2
IN
IN
OUT
OUT
PEAK
V
V
V
f
L
2
V
V
V
I
I
⎪⎭
⎪⎩
+
ν
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com