Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02PUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLA02PUR
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02PUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLA02PUR Datasheet HTML 8Page - STMicroelectronics STLA02PUR Datasheet HTML 9Page - STMicroelectronics STLA02PUR Datasheet HTML 10Page - STMicroelectronics STLA02PUR Datasheet HTML 11Page - STMicroelectronics STLA02PUR Datasheet HTML 12Page - STMicroelectronics STLA02PUR Datasheet HTML 13Page - STMicroelectronics STLA02PUR Datasheet HTML 14Page - STMicroelectronics STLA02PUR Datasheet HTML 15Page - STMicroelectronics STLA02PUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Typical performance characteristics
STLA02
12/23
Doc ID 010005 Rev 1
Figure 12.
Switching waveform at VIN = 2.5 V
Figure 13.
Switching waveform at VIN = 7 V
Figure 14.
Switching waveform at VIN = 12 V
Figure 15.
Overvoltage function
VLX
VOUT
IOUT
IL
VLX
VOUT
IOUT
IL
VLX
VOUT
IOUT
IL
VLX
VOUT
IOUT
IL
VLX
VOUT
IOUT
IL
VLX
VOUT
IOUT
IL
IL
VOUT
VLX
IL
VOUT
VLX
Figure 16.
Line transient response VIN = 3.4 V to 4 V step
VLX
VIN
IOUT
IL
VLX
VIN
IOUT
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com