Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02PUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLA02PUR
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02PUR Datasheet(HTML) 5 Page - STMicroelectronics

  STLA02PUR Datasheet HTML 1Page - STMicroelectronics STLA02PUR Datasheet HTML 2Page - STMicroelectronics STLA02PUR Datasheet HTML 3Page - STMicroelectronics STLA02PUR Datasheet HTML 4Page - STMicroelectronics STLA02PUR Datasheet HTML 5Page - STMicroelectronics STLA02PUR Datasheet HTML 6Page - STMicroelectronics STLA02PUR Datasheet HTML 7Page - STMicroelectronics STLA02PUR Datasheet HTML 8Page - STMicroelectronics STLA02PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STLA02
Maximum ratings
Doc ID 010005 Rev 1
5/23
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Signal supply voltage
- 0.3 to 19
V
VLX
Inductor connection
- 0.3 to 30
V
FB
Feedback connection(1)
1.
The maximum acceptable difference between the VOUT pin potential and feedback pin potential is 5 V.
- 0.3 to 30
V
EN/PWM
Logic pin/PWM input
- 0.3 to 12
V
VOUT
Output voltage connection
- 0.3 to 30
V
PTOT
Continuous power dissipation (at TA = 70 °C)
(1)
530
mW
TOP
Operating ambient temperature range
- 40 to 85
°C
TJ
Junction temperature
- 40 to 150
°C
TSTG
Storage temperature range
- 65 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (1)
102
°C/W
1.
Power dissipation is dependent on PCB. The recommended PCB design is included in this document (TBD).
Table 5.
ESD
Symbol
Parameter
Value
Unit
HBM
Human body model
2
kV
MM
Machine model
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com