Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LED2001
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LED2001 Datasheet HTML 7Page - STMicroelectronics LED2001 Datasheet HTML 8Page - STMicroelectronics LED2001 Datasheet HTML 9Page - STMicroelectronics LED2001 Datasheet HTML 10Page - STMicroelectronics LED2001 Datasheet HTML 11Page - STMicroelectronics LED2001 Datasheet HTML 12Page - STMicroelectronics LED2001 Datasheet HTML 13Page - STMicroelectronics LED2001 Datasheet HTML 14Page - STMicroelectronics LED2001 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DocID024346 Rev 1
11/42
LED2001
Functional description
The error amplifier output is compared with the inductor current sense information to
perform PWM control.
5.5
Thermal shutdown
The shutdown block generates a signal that disables the power stage if the temperature of
the chip goes higher than a fixed internal threshold (150 ± 10 °C typical). The sensing
element of the chip is close to the PDMOS area, ensuring fast and accurate temperature
detection. A 15 °C typical hysteresis prevents the device from turning ON and OFF
continuously during the protection operation.
Table 5. Uncompensated error amplifier characteristics
Description
Value
Transconductance
250 µS
Low frequency gain
96 dB
CC
195 pF
RC
70 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com