Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LED2001
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LED2001 Datasheet HTML 8Page - STMicroelectronics LED2001 Datasheet HTML 9Page - STMicroelectronics LED2001 Datasheet HTML 10Page - STMicroelectronics LED2001 Datasheet HTML 11Page - STMicroelectronics LED2001 Datasheet HTML 12Page - STMicroelectronics LED2001 Datasheet HTML 13Page - STMicroelectronics LED2001 Datasheet HTML 14Page - STMicroelectronics LED2001 Datasheet HTML 15Page - STMicroelectronics LED2001 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Application notes
LED2001
12/42
DocID024346 Rev 1
6
Application notes
6.1
Closing the loop
Figure 5. Block diagram of the loop
6.2
GCO(s) control to output transfer function
The accurate control to output transfer function for a buck peak current mode converter can
be written as:
Equation 1
where R0 represents the load resistance, Ri the equivalent sensing resistor of the current
sense circuitry,
ωp the single pole introduced by the LC filter and ωz the zero given by the
ESR of the output capacitor.
FH(s) accounts for the sampling effect performed by the PWM comparator on the output of
the error amplifier that introduces a double pole at one half of the switching frequency.
VIN
-
+
-
LC filter
VREF
error
amplifier
FB
compensation
network
PWM
comparator
HS
switch
RS
L
COUT
RC
CC
+
PWM control
Current sense
LS
switch
VOUT
VCONTROL
G
CO(s)
A
O(s)
α
LED
G
CO s
()
R
0
R
i
-------
1
1
R
0
T
SW
⋅
L
-----------------------
m
C
1D
–
() 0.5
–
⋅
[]
⋅
+
----------------------------------------------------------------------------------------
1
s
ω
z
------
+


1
s
ω
p
------
+


---------------------- FH s
()
⋅⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com