Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LED2001
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LED2001 Datasheet HTML 19Page - STMicroelectronics LED2001 Datasheet HTML 20Page - STMicroelectronics LED2001 Datasheet HTML 21Page - STMicroelectronics LED2001 Datasheet HTML 22Page - STMicroelectronics LED2001 Datasheet HTML 23Page - STMicroelectronics LED2001 Datasheet HTML 24Page - STMicroelectronics LED2001 Datasheet HTML 25Page - STMicroelectronics LED2001 Datasheet HTML 26Page - STMicroelectronics LED2001 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
DocID024346 Rev 1
23/42
LED2001
Application information
Figure 15. Equivalent circuit
The LED ripple current can be calculated as the inductor ripple current ratio flowing into the
output impedance using the Laplace transform (see Figure 11):
Equation 23
where the term 8/
π2 represents the main harmonic of the inductor current ripple (which has
a triangular shape) and
ΔI
L is the inductor current ripple.
Equation 24
so L value can be calculated as:
Equation 25
where TOFF is the OFF-time of the embedded high switch, given by 1-D.
As a consequence, the lower the inductor value (so the higher the current ripple), the higher
the COUT value would be to meet the specification.
A general rule to dimension L value is:
Equation 26
Finally, the required output capacitor value can be calculated equalizing the LED current
ripple specification with the module of the Fourier transformer (see Equation 23) calculated
at fSW frequency.
I
RIPPLE s
()
Δ
8
π
2
------
ΔI
L
1
s ESR C
OUT
⋅⋅
+
()
⋅⋅
1s
R
S
ESR
n
LED
R
LED
⋅
++
() C
OUT
⋅⋅
+
-----------------------------------------------------------------------------------------------------------
=
ΔI
L
V
OUT
L
-------------- T
OFF
⋅
n
LED
V
FW_LED
100mV
+
⋅
L
------------------------------------------------------------------ T
OFF
⋅
==
L
n
LED
V
FW_LED
100mV
+
⋅
ΔI
L
------------------------------------------------------------------ TOFF
⋅
n
LED
V
FW_LED
100mV
+
⋅
ΔI
L
------------------------------------------------------------------
1
n
LED
V
FW_LED
100mV
+
⋅
V
IN
------------------------------------------------------------------
–


⋅
==
ΔI
L
I
LED
-----------
0.5
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com