Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LED2001
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LED2001 Datasheet HTML 22Page - STMicroelectronics LED2001 Datasheet HTML 23Page - STMicroelectronics LED2001 Datasheet HTML 24Page - STMicroelectronics LED2001 Datasheet HTML 25Page - STMicroelectronics LED2001 Datasheet HTML 26Page - STMicroelectronics LED2001 Datasheet HTML 27Page - STMicroelectronics LED2001 Datasheet HTML 28Page - STMicroelectronics LED2001 Datasheet HTML 29Page - STMicroelectronics LED2001 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Application information
LED2001
26/42
DocID024346 Rev 1
7.2
Layout considerations
The layout of switching DC-DC converters is very important to minimize noise and
interference. Power-generating portions of the layout are the main cause of noise and so
high switching current loop areas should be kept as small as possible and lead lengths as
short as possible.
High impedance paths (in particular the feedback connections) are susceptible to
interference, so they should be as far as possible from the high current paths. A layout
example is provided in Figure 16.
The input and output loops are minimized to avoid radiation and high frequency resonance
problems. The feedback pin to the sensing resistor path must be designed as short as
possible to avoid pick-up noise. Another important issue is the ground plane of the board.
As the package has an exposed pad, it is very important to connect it to an extended ground
plane in order to reduce the thermal resistance junction-to-ambient.
To increase the design noise immunity, different signal and power ground should be
implemented in the layout (see Section 7.5: Application circuit). The signal ground serves
the small signal components, the device analog ground pin, the exposed pad and a small
filtering capacitor connected to the VCC pin. The power ground serves the device ground
pin and the input filter. The different grounds are connected underneath the output capacitor.
Neglecting the current ripple contribution, the current flowing through this component is
constant during the switching activity and so this is the cleanest ground point of the buck
application circuit.
Figure 16. Layout example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com