Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001 Datasheet(PDF) 34 Page - STMicroelectronics

Part # LED2001
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LED2001 Datasheet HTML 30Page - STMicroelectronics LED2001 Datasheet HTML 31Page - STMicroelectronics LED2001 Datasheet HTML 32Page - STMicroelectronics LED2001 Datasheet HTML 33Page - STMicroelectronics LED2001 Datasheet HTML 34Page - STMicroelectronics LED2001 Datasheet HTML 35Page - STMicroelectronics LED2001 Datasheet HTML 36Page - STMicroelectronics LED2001 Datasheet HTML 37Page - STMicroelectronics LED2001 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Typical characteristics
LED2001
34/42
DocID024346 Rev 1
8
Typical characteristics
Figure 24. Soft-start
Figure 25. Load regulation
Figure 26. Dimming operation
Figure 27. LED current rising edge
a
Figure 28. LED current falling edge
Figure 29. Hiccup current protection
AM12913v1
Vin 12V
Vled 7V
AM12914v1
AM12915v1
AM12916v1
To maximize the dimming
performan ce the embedded LS
discharges C OUT when D IM goes low.
(D IM = 0 & & V FB > 60mV ):
the low side is enabled
as long as I L > -1A
(implements negative
current limitation)
AM12917v1
AM12918v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com