Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LED2001
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LED2001 Datasheet HTML 23Page - STMicroelectronics LED2001 Datasheet HTML 24Page - STMicroelectronics LED2001 Datasheet HTML 25Page - STMicroelectronics LED2001 Datasheet HTML 26Page - STMicroelectronics LED2001 Datasheet HTML 27Page - STMicroelectronics LED2001 Datasheet HTML 28Page - STMicroelectronics LED2001 Datasheet HTML 29Page - STMicroelectronics LED2001 Datasheet HTML 30Page - STMicroelectronics LED2001 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DocID024346 Rev 1
27/42
LED2001
Application information
7.3
Thermal considerations
The dissipated power of the device is tied to three different sources:
•
Conduction losses due to the RDSON, which are equal to:
Equation 33
where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT (nLED
∗V
LED + 100 mV) and VIN, but in practice it is substantially
higher than this value to compensate for the losses in the overall application. For this
reason, the conduction losses related to the RDSON increase compared to an ideal case.
•
Switching losses due to turn-ON and turn-OFF. These are derived using the following
equation:
Equation 34
where TRISE and TFALL represent the switching times of the power element that cause the
switching losses when driving an inductive load (see Figure 17). TSW is the equivalent
switching time.
Figure 17. Switching losses
•
Quiescent current losses.
Equation 35
Example (see Section Example 1):
P
ON
R
RDSON_HS
I
OUT
()
⋅
2
D
⋅
=
P
OFF
R
RDSON_LS
I
OUT
()
⋅
2
1D
–
()
⋅
=
P
SW
V
IN
I
OUT
T
RISE
T
FALL
+
()
2
----------------------------------------- FSW VIN
=
I
OUT
T
SW_EQ
F
SW
⋅⋅
⋅
⋅
⋅
⋅
=
AM12908v1
P
Q
V
IN
I
Q
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com