Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113SA Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT113SA
Description  Casino Game 5-in-1 LCD Game
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113SA Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT113SA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
• SLOTS
♦ After the bets have been made, pressing the
DEAL key starts a game. The numbers ’a’,
’g’, ’d’ on the LCD screen simulate the ’BAR’
spinning. Right after the three numbers
stop spinning, the scores won are calculated
in the following ways:
Betting Rates
of Loss
BAR
BAR
BAR
BAR
BAR
BAR
BAR
BAR
BAR
500
BAR
BAR
BAR
BAR
BAR
BAR
50
BAR
BAR
BAR
10
ANY
BAR
ANY
BAR
ANY
BAR
2
• To change the game type, press the GAME key.
At this time, the money to gamble with remains
the same as in the previous deal.
Counting methods
• The betting rates of lose for BLACK JACK
BLACK JACK............2
the sum of 5 cards less than 21............1
the sum of the player’s is greater than that of
the dealer’s.................1
• the betting rates of winning for POKER
♦ pair (jacks or better)
1 times the number of units betted
♦ two pairs
2 times the number of units betted
♦ three of a kind
3 times the number of units betted
♦ straight
5 times the number of units betted
♦ flush
8 times the number of units betted
♦ full house
35 times the number of units betted
♦ four of a kind
100 times the number of units betted
♦ straight flush
500 times the number of units betted
♦ royal flush
1000 times the number of units betted
• BACCARAT
♦ When the bet is on the dealer or the player,
the betting rate of losing is 1 times the
number of units betted.
♦ When the bet is on TIE, the betting rate of
losing is 8 times the number of units betted.
• The betting rates of winning for DEUCES
♦ three of a kind
2 times the number of units betted
♦ straight
4 times the number of units betted
♦ flush
6 times the number of units betted
♦ full house
10 times the number of units betted
♦ 4 of a kind
10 times the number of units betted
♦ straight flush
20 times the number of units betted
♦ 5 of a kind
50 times the number of units betted
♦ royal flush w/2’s
100 times the number of units betted
♦ 4 deuces
500 times the number of units betted
♦ royal flush
1000 times the number of units betted
HT113SA
6
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com