Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113SA Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT113SA
Description  Casino Game 5-in-1 LCD Game
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113SA Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT113SA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 10Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 11Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 12Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 13Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 14Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 15Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Absolute Maximum Ratings*
Supply Voltage ....................... VDD–0.3V to 5.5V
Input Voltage................. VSS–0.3V to VDD+0.3V
Storage Temperature ................. –50
°C to 125°C
Operating Temperature................... 0
°C to 70°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
2.4
3
3.3
V
IDD
Operating Current
3V
No load, fSYS=512kHz
300
500
µA
ISTB
Standby Current
3V
System halt
1
5
µA
VLCD
LCD Supply Voltage
3V
3
V
fSYS
Operating Frequency
3V
R=36k
512
kHz
HT113SA
13
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com