Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113SA Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT113SA
Description  Casino Game 5-in-1 LCD Game
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113SA Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT113SA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Functional Description
Key description
• RESET
When this key is pressed, the whole system
restarts, the score and game round are
cleared to zero. When the RESET key and
ON/OFF key are pressed at the same time,
and then the RESET key is released, all the
pattern dots are shown on the screen. This
function is for LCD testing.
• ON/OFF
This key is used to turn the power on. When
pressed again, the power is turned off.
• MUTE
This key alternately puts the music in the
OFF or ON modes.
• GAME
This key is for game selection. There are five
games to be selected, namely Black Jack,
Poker, Baccarat, Deuces and Slots. When this
key is pressed, one of SEL1~SEL5 is dis-
played on the screen.
SEL1 denotes that Black Jack is selected.
SEL2 denotes that Poker is selected.
SEL3 denotes that Baccarat is selected.
SEL4 denotes that Deuces is selected.
SEL5 denotes that Slot Machine is selected.
The game is initially set with Black Jack as
default whenever the system is activated.
• START/DEAL
This key is used to start a game or to deal the
cards. When it is in the DEMO mode, pressing
this key starts a game. On the other hand,
when the game is in progress, it deals the
cards.
• KEY1~KEY5
• When betting
♦ DEAL
When this key is pressed, the bets must
have already been made. The cards then
start to be dealt. At this time, if the player
fails to press BET_U or BET_D, pressing
DEAL may restore his/her previous bet,
which is pre-set to 1.
♦ BET_U
By pressing this key, the screen changes to
display the bets in place of the current
stake. However, pressing this key will in-
crease the betting score by 1 (100 is the
maximum) when the bets are already on the
screen.
♦ BET_D
By pressing this key, the screen changes to
display the bets in place of the current
stake. However, pressing this key will de-
crease the betting score by 1 (1 is the mini-
mum) when the bets are already on the
screen.
• By pressing this key, the screen changes to
display the bets in place of the current stake.
However, pressing this key will decrease the
betting score by 1 (1 is the minimum score)
when the bets are already on the screen.
• BLACK JACK GAME
♦ DEAL
This key is pressed to deal the cards.
♦ STAND
This key is pressed to stop card-dealing.
♦ INSURANCE
This key is pressed to select INSURANCE.
♦ DOUBLE
This key is pressed to select DOUBLE.
* Refer to the Black Jack game description for
the conditions in 3 and 4.
• POKER GAME
♦ DEAL
After selecting which cards to bet on, press-
ing this key begins re-dealing the cards to
HT113SA
2
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com