Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113SA Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT113SA
Description  Casino Game 5-in-1 LCD Game
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113SA Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT113SA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
player first. The following explains the rules
for dealing the third card:
♦ Player
–
1-2-3-4-5-0
the third card is dealt
–
6,7
no cards are to be dealt
–
8-9
NATURAL
♦ Dealer
When the player holds two cards only,
the third card is dealt to the dealer when the
sum of his two cards is 0~5, and the sum of
the player’s is 6 or 7. However, no more
cards are dealt to the dealer when the total
value of his/her two cards is 6~9.
When the player holds three cards, no more
cards are dealt to the dealer when the sum
of his two cards is 6, 7 or 8. Otherwise, the
third card can be dealt to the dealer. Win or
lose is decided by the total value of the cards
held. The winner’s score is the one nearest
9. As for the betting rate of losing, it is 1
times the number of the units betted (i.e.,
1 x (Number of Units)).
If the scores of the dealer’s and player’s are
the same, it is called a "TIE". At this time,
the one who bets on TIE is the winner. The
betting rate of losing is 8 times the number
of units betted.
When selecting the way to bet on, the screen
displays the following:
When DEALER is betted on, BANK is
shown.
When TIE is betted on, PUSH is shown.
When PLAYER is betted on, PLAY is shown.
• DEUCES
♦ After the bets have been made, five cards
are dealt by pressing the DEAL key. Below
each card is a HOLD symbol. The player
may keep the desired cards by pressing the
appropriate number of keys up to five keys.
When the cards are highlighted, it indicates
that these cards are to be reserved for bet-
ting. Otherwise, cards are to be re-dealt by
pressing the DEAL key. When the value of
one of the cards is 2, that “2” can be any
number ranging from a~k depending on the
player’s preference, and then on the basis of
the five cards, the rates for winning and
losing are calculated in the following ways:
–
three of a kind
2 times the number of units betted
–
straight
4 times the number of units betted
–
flush
6 times the number of units betted
–
full house
10 times the number of units betted
–
4 of a kind
10 times the number of units betted
–
straight flush
20 times the number of units betted
–
5 of a kind
50 times the number of units betted
–
royal flush w/2’s
100 times the number of units betted
–
4 deuces
500 times the number of units betted
–
royal flush
1000 times the number of units betted
HT113SA
5
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com