Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113SA Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT113SA
Description  Casino Game 5-in-1 LCD Game
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113SA Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT113SA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DOUBLE
player. If not, the dealer will confiscate the
insurance. And the game continues.
–
When the total value of the player’s two
cards sum up to 11, (s)he may lay the bet
on one-more-card-dealt-only. However, the
player needs to double his/her present bet.
Such a bet is for the player’s sake, since
(s)he is quite likely to get the full score of
21 and win the Black Jack game by hold-
ing a score of 11. As long as the total value
of his/her three cards is greater than that
of the dealer’s, the player wins the game
and gains the bet two times larger than
his/hers.
When one or possibly two of the above con-
ditions take place, the exact symbol, namely
INSURANCE or DOUBLE, will flash. At
this time, the player has the choice of one or
none of these conditions. However, the
player is not advised to bet if his/her money
to gamble with is not sufficient for that bet.
♦ If there is no special case, pressing the
DEAL key deals the cards. However, when
the STAND (KEY4) key is pressed, no more
cards can be dealt. The dealer can then deal
additional cards to himself. The rules are
quite easy. The dealer is required to deal
himself another card if the sum of his cur-
rent cards is less than 17. Otherwise, if the
sum is 17 or greater, he is not required to
deal himself any more cards.
♦ The various betting rates of loss are listed
in the following:
BLACK JACK (a score of 21 for two
cards)........2
A score of less than 21 for 5 cards..............1
the player ’s score is greater than the
dealer’s........1
• POKER (SHOW HAND)
♦ After the bets have been made, five cards
are dealt by pressing the DEAL key. At this
time, DRAW or HOLD flashes. Below each
card is a HOLD symbol. The player may
keep the desired cards by pressing the ap-
propriate number of keys up to five keys.
When the cards are highlighted, it indicates
that these cards are to be reserved for bet-
ting. Otherwise, cards are to be re-dealt by
pressing the DEAL key. On the basis of the
five cards, the betting rates for losing are
calculated in the following ways:
–
pair (jacks or better)
1 times the number of units betted
–
two pairs
2 times the number of units betted
–
three of a kind
3 times the number of units betted
–
straight
5 times the number of units betted
–
flush
8 times the number of units betted
–
full house
35 times the number of units betted
–
four of a kind
100 times the number of units betted
–
straight flush
500 times the number of units betted
–
royal flush
1000 times the number of units betted
• BACCARAT
This game is an ancient card game that origi-
nates from Europe. Baccarat consists of three
ways of betting, namely DEALER, PLAYER,
and TIE. However, only one of the three bet-
ting ways can be selected at a time. After the
bets have been made, four cards are dealt. The
first and third cards are dealt to the player
whereas the second and fourth cards to the
dealer. The aim of this game is to make the
total value of the two cards sum up to 9 or as
near as possible to 9. The value of the card
ACE is scored as 1. The values of the cards 2-9
are scored according to their corresponding
face values. As for the cards 10, J, Q, and K,
their values are all scored as 0. No more cards
can be dealt when the sum of the two cards is
8 or 9, which is called NATURAL. However, a
third card can be dealt if necessary. The rule
for the order of card-dealing is always the
HT113SA
4
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com