Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113SA Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT113SA
Description  Casino Game 5-in-1 LCD Game
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113SA Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT113SA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113SA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
INSURANCE
the unselected positions (see the following
for the selection).
♦ HOLD1~HOLD5
These keys are used to reserve the cards.
HOLD1 (KEY1) is situated at the leftmost
side, and HOLD5 at the rightmost side. In
that order, KEY1~KEY5 are arranged from
left to right to correspond with the LCD pad.
• BACCARAT GAME
♦ DEAL
This key is pressed to deal the cards.
♦ PLAYER
(PLAY) This key is pressed to bet on the
player.
♦ DEALER
(BANK) This key is pressed to bet on the
dealer.
♦ TIE
(PUSH) This key is pressed to bet on a tie.
• DEUCES GAME
♦ DEAL
After selecting which cards to bet on, press-
ing this key begins re-dealing the cards to
the unselected positions (see the following
for the selection).
♦ HOLD1~HOLD5
These keys are used to reserve the cards.
HOLD1 (KEY1) is situated at the leftmost
side, and HOLD5 at the rightmost side. In
that order, KEY1~KEY5 is arranged from left
to right to correspond with the LCD pad.
• SLOTS GAME
♦ DEAL
This key is pressed to spin the pictures.
Operational description
• Right after the batteries are installed, the
system goes into the DEMO mode. The pre-set
game is BLACK JACK. By pressing the
START key, the game begins. And the money
to gamble with amounts to 2000 units. How-
ever, if activity has been suspended for more
than 2 minutes, power is automatically
turned off. To turn on the power, press the
ON/OFF key. The player can continue play-
ing. The mode remains the same as that be-
fore turning off the power. In other words, if
the power is turned off in the DEMO mode,
this mode is on the screen when the power is
turned on again.
• The betting strategies are in the following:
First, the money to gamble with is displayed
and the symbol $ flashes on the screen. Then,
by pressing BET_U (KEY5) or BET_D
(KEY4), the previous bets are shown. The bet
is incremented by 1 when the BET_U (KEY5)
key is subsequently pressed. On the other
hand, the bet is decremented by 1 when the
BET_D (KEY4) is subsequently pressed. After
the bets have been made, press the DEAL key
to start dealing the cards. However, if the
player fails to press the BET_U or BET_D
key, pressing the DEAL key restores the bet
to the previous one. The bet is pre-set to 1 if it
is the first time the bet is laid.
• BLACK JACK
♦ Black Jack is one of the most common games
in casinos. The rules for this game are quite
easy. The player wins when his/her total score
is greater than the dealer’s. However, the
player loses the game when his/her total score
is over 21.
♦ The values of the cards 2 to 10 are scored
according to their corresponding face val-
ues. As for the cards J, Q, K, their values are
all scored as 10. The value of the card ACE
can be scored either as 1 or 11 depending on
the player’s preference.
♦ After the bets are made, the dealer and
player are dealt with 2 cards each on the
first deal. The dealer’s first card is covered.
So, the player can only see the dealer’s sec-
ond card. The following explains two condi-
tions which may then appear:
–
When the dealer’s second card is an ACE,
it is quite possible that the dealer will win
Black Jack. In this case, the player may
pay the equivalent of his/her present bet
to buy insurance. The dealer, if he wins
Black Jack, will refund all the bets to the
HT113SA
3
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com