Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R081 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 10Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 11Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 12Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 13Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 14Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 15Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
MicroSmart Series
20
Programmable Logic Controllers
Cables
Communication Cables
Appearance
Part
Number
Length
Expanded
Description
FC4A-KC4CA
5ft. (1.53m)
Programming cable
(Maintenance/User
Communication
Mode selectable)
FC4A-USB
6ft. (1.83m)
USB to Serial Con-
verter (for use with
PC without serial
port)
FC4A-KC3C
0.33ft.
(100mm)
Web Server Module
interface cable
Appearance
Part
Number
Length
Expanded
Description
FC2A-KM1C
9.84 Ft. (3m)
Modem cable. Used
to connect a modem
to the MicroSmart
RS232C port.
FC2A-KP1C
9.84 Ft. (3m)
User communica-
tion cable. Used
to connect RS232C
equipment to the
MicroSmart RS232C
port.
FC5A-KX1C
3.28 Ft. (1m)
MicroSmart Pentra
expansion power
supply interface
cable. Used to
connect expansion
interface master
and expansion slave
modules.
MIL Connector Cables (use with Breakout Modules)
Use with
Part Number
Model
Length
Use with
Part Number
Model
Length
CPU Module
(26-wire)
BX1D-S26A,
BX1D-T26A
FC9Z-H050B26
Non-shielded
1.64ft. (0.5m)
I/O Expansion
Modules (20-wire)
BX1D-S20A,
BX1D-T20A
FC9Z-H050B20
Non-shielded
1.64ft. (0.5m)
FC9Z-H100B26
3.28ft. (1m)
FC9Z-H100B20
3.28ft. (1m)
FC9Z-H200B26
6.56ft (2m)
FC9Z-H200B20
6.56ft (2m)
FC9Z-H300B26
9.85ft. (3m)
FC9Z-H300B20
9.85ft. (3m)
FC9Z-H050A26
Shielded
1.64ft. (0.5m)
FC9Z-H050A20
Shielded
1.64ft. (0.5m)
FC9Z-H100A26
3.28ft. (1m)
FC9Z-H100A20
3.28ft. (1m)
FC9Z-H200A26
6.56ft (2m)
FC9Z-H200A20
6.56ft (2m)
FC9Z-H300A26
9.85ft. (3m)
FC9Z-H300A20
9.85ft. (3m)
FC9Z-H100C26A
Shielded Single
Connectors
5ft. (1.5m)
FC9Z-H100C20A
Shielded Single
Connectors
5ft. (1.5m)
Breakout Modules
Use with
Part Number
Descrption
26-wire MIL connector
cable
BX1D-S26A
26-terminal breakout module
BX1D-T26A
26-terminal touch-down terminal breakout
module
20-wire MIL connector
cable
BX1D-S20A
20-terminal breakout module
BX1D-T20A
20-terminal touch-down terminal breakout
module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com