Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R081 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FC4A-R081 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
MicroSmart Series
12
Programmable Logic Controllers
Digital I/O Expansion Modules
Output Modules (cont.)
Appearance
Part Number
Output
Output Points
Terminal
FC4A-T08S1
Transistor Source
8
Removable Screw Terminals
FC4A-T16S3
16
MIL Connector (ribbon cable)
FC4A-T32S3
32
Combination I/O Modules
Appearance
Part Number
Input
Output
I/O Points
Terminal
FC4A-M08BR1
24V DC (Sink/Source)
Relay
8 (4 in/4 out)
Removable Screw Terminals
FC4A-M24BR2
24 (16 in/ 8 out)
Wire Spring Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com