Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R081 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 15Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 16Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 17Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 18Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 19Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 20Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
MicroSmart Series
29
Programmable Logic Controllers
Input Usage Limits
FC5A-D16RK1/D16RS1
FC5A-D32K3/D32S3
FC4A-D40K3/D40S3
FC4A-D20K3/D20S3
FC4A-D20RK1/D20RS1
Input Voltage (V DC)
Input Voltage (V DC)
Input Voltage (V DC)
Input Voltage (V DC)
Ambient Temperature
40ºC
Ambient Temperature
40ºC
Ambient Temperature
40ºC
Ambient
Temperature
55ºC
Ambient
Temperature
55ºC
Ambient
Temperature
55ºC
Ambient Temperature
55ºC
I/O Simultaneous ON Ratio (%)
I/O Simultaneous ON Ratio (%)
I/O Simultaneous ON Ratio (%)
26.4
24.0
26.4
24.0
26.4
24.0
26.4
24.0
I/O Simultaneous ON Ratio (%)
0
50
100
0
50
100
0
50
100
0
50
100
All-in-One CPU
FC5A-C10R2
FC5A-C10R2C
FC4A-C10R2
FC4A-C10R2C
FC5A-C16R2
FC5A-C16R2C
FC4A-C16R2
FC4A-C16R2C
FC5A-C24R2
FC5A-C24R2C
FC4A-C24R2
FC4A-C24R2C
CAUTION: When using at an operating ambient tem-
perature above 40ºC, reduce the input voltage or the
quantity of I/O points that turn on simultaneously.
28.8
26.4
28.8
26.4
28.8
26.4
Input Voltage (V DC)
Input Voltage (V DC)
Input Voltage (V DC)
Ambient Temperature
55ºC
Ambient Temperature
45ºC
Ambient Temperature
45ºC
Ambient
Temperature
55ºC
Ambient
Temperature
55ºC
I/O Simultaneous ON Ratio (%)
I/O Simultaneous ON Ratio (%)
I/O Simultaneous ON Ratio (%)
0
50
100
0
50
100
0
50
100
Input Internal Circuit
Output Internal Circuit
Slim CPU
All-in-One CPU
Slim CPU
4.7 kΩ
FC4A: I0, I1, I6, I7
FC5A: I0, I1, I3, I4, I6, I7
COM
Input
Input
3.3 kΩ (FC5A)
1.8 kΩ (FC4A)
I0, I1
COM
Sink Output
Internal
Circuit
+V
Output
COM (–)
COM
Input
3.3 kΩ
FC4A: I2 to I5, I10 to I27
FC5A: I2, I5, I10 to I17
COM
Input
3.3 kΩ
I2 to I15
Source Output
Internal
Circuit
–V
Output
COM (+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com