Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R081 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 24Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 25Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 26Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 27Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 28Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
MicroSmart Series
43
Programmable Logic Controllers
Mounting Hole Layout (mm)
FC5A-C10R2,
FC5A-C16R2
FC5A-C10R2C, FC5A-C16R2C
FC4A-C10R2,
FC4A-C16R2
FC4A-C10R2C, FC4A-C16R2C
68.0
80.0
2-ø4.3
FC4A-N08A11,
FC4A-R081
FC4A-R161,
FC4A-T08K1
FC4A-T08S1,
FC4A-M08BR1
FC4A-L03A1,
FC4A-L03AP1
FC4A-J2A1,
FC4A-K1A1
FC4A-J4CN1,
FC4A-T8C1
FC4A-J8AT1,
FC4A-K2C1
23.5
6.3
3.0
2–ø4.3
FC5A-EXM2
FC4A-M24BR2
39.1
6.3
3.0
2–ø4.3
FC5A-EXM1S, FC4A-D20K3
FC4A-D20S3
35.4
24.1
3.0
2-ø4.3
FC5A-C24R2,
FC4A-C24R2C
FC4A-C24R2,
FC4A-C24R2C
83.0
95.0
2-ø4.3
FC5A-EXM1M
FC4A-N16B3, FC4A-T16K3,
FC4A-T16S3
17.6
6.3
2–ø4.3
3.0
FC4A-HPC1 FC4A-HPC2
FC4A-HPC3
22.5
4.8
3.0
2–ø4.3
FC4A-N32B3, FC4A-T32K3,
FC4A-T32S3
29.7
6.3
3.0
2–ø4.3
FC5A-D16RK1
FC5A-D16RS1
FC5A-D32K3
FC5A-D32S3
FC4A-D20RK1
FC4A-D20RS1
FC4A-D40K3
FC4A-D40S3
47.5
24.1
2–ø4.3
3.0
FC4A-HPH1
38.0
20.3
3.0
2–ø4.3
FC4A-HPH1
38.0
20.3
3.0
2–ø4.3
Examples
Mounting hole layout for FC5A-C24R2 or FC4A-C24R2 and four 23.5mm-wide
I/O modules
23.5 23.5 23.5
12.3
15.3 23.5 23.5 23.5
83.0
3.0
3.0
3.0
3.0
Mounting hole layout from left, FC4A-HPH1, FC4A-D20K3, FC4A-N16B3, FC4A-
N32B3, and FC4A-M24BR2 modules
41.8
3.0
3.0
3.0
3.0
3.0
41.8
17.6 17.6
29.7
17.6 17.6
29.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com